Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 267 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 267 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 263Page - Motorola, Inc MPX2200DP Datasheet HTML 264Page - Motorola, Inc MPX2200DP Datasheet HTML 265Page - Motorola, Inc MPX2200DP Datasheet HTML 266Page - Motorola, Inc MPX2200DP Datasheet HTML 267Page - Motorola, Inc MPX2200DP Datasheet HTML 268Page - Motorola, Inc MPX2200DP Datasheet HTML 269Page - Motorola, Inc MPX2200DP Datasheet HTML 270Page - Motorola, Inc MPX2200DP Datasheet HTML 271Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 670 page
background image
MPX5500 SERIES
3–121
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from the environment. The Motorola
MPX pressure sensor is designed to operate with positive dif-
ferential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the Table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5500D
867
Stainless Steel Cap
MPX5500DP
867C
Side with Part Marking
ORDERING INFORMATION
MPX Series
Device Name
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867
MPX5500D
MPX5500D
Ported Elements
Differential Dual Ports
867C
MPX5500DP
MPX5500DP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com