Electronic Components Datasheet Search
  English  ▼

X  

EC6585DNF1R Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC6585DNF1R
Description  2 Channel Charge Pump Supply for TFT-LCD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC6585DNF1R Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC6585DNF1R Datasheet HTML 1Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 2Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 3Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 4Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 5Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 6Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EC6585D
2 Channel Charge Pump
Supply for TFT-LCD
E-CMOS Corp. (www.ecmos.com.tw)
5J06N-Rev. F001
5/7
Absolute Maximum Ratings
Note1: All voltages are referenced to ground with GND pins grounded.
Note2: “ABSOLUTE MAXIMUM RATINGS” indicate limits beyond which permanent damage to the device may occur. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under
"Recommended Operating Conditions" is not implied. For guaranteed specifications and test conditions, see the
“ELECTRICAL SPECIFICATIONS”.
RECOMMENDED OPERATION CONDITIONS
Electrical Characteristics
(VIN=2.8V, TA=25°C, unless otherwise specified)
Input Supply Voltage, VIN
-0.3V to 6.5V
Control Signals Input Voltage, EN, TE
-0.3V to 6.5V
Positive Output Voltage, VSP
+0.3V to 6.5V
Negative Output Voltage, VSN
-0.3V to -6.5V
Storage Temperature Range
-55°C to 150°C
Lead temperature (soldering, 10s maximum)
260°C
ESD, Human body mode
2kV
ESD, Machine mode
200V
Supply Input Voltage, VIN
2.5V to 3.7V
Control Signals Input Voltage Range
1.4V to 3.7V
Junction temperature range
-40°C to 125°C
Ambient temperature range
-40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Supply
Input Supply Voltage
VIN
2.5
2.8
4.5
V
VIN Quiescent current
IQ
EN=TE=Low
1
uA
EN or TE = High
3
mA
Supply Current
IIN
150
mA
Output Voltage
Positive Output Voltage
VSP
VIN=2.8V,loading=0mA~50mA
4.5
6.0
V
Negative Output Voltage
VSN
VIN=2.8V,loading=0mA~50mA
-6.0
-4.5
V
Positive Output Current
I_VSP
VIN=2.8V
50
mA
VIN=3.3V
80
Negative Output Current
I_VSN
VIN=2.8V
50
mA
VIN=3.3V
80
Control Signal & Protection
EN, TE Input Low Voltage
VIL
0.2x VIN
V
EN, TE Input High Voltage
VIH
1.4
V
Soft-Start Period
TSS
1
ms
Input Current Limit
ILIM
1
A


Similar Part No. - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
EC6585NNF1R E-CMOS-EC6585NNF1R Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
More results

Similar Description - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
Power Supply for Charge Pump
August, 2014
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com