Electronic Components Datasheet Search
  English  ▼

X  

EC6585DNF1R Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC6585DNF1R
Description  2 Channel Charge Pump Supply for TFT-LCD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC6585DNF1R Datasheet(HTML) 7 Page - E-CMOS Corporation

  EC6585DNF1R Datasheet HTML 1Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 2Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 3Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 4Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 5Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 6Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EC6585D
2 Channel Charge Pump
Supply for TFT-LCD
E-CMOS Corp. (www.ecmos.com.tw)
5J06N-Rev. F001
7/7
Package Information
TDFN 12L
Notes:
1) All dimensions are in millimeters.
DIMENSION
MIN (mm)
TYP(mm)
MAX (mm)
A
0.40
0.45
0.50
A1
0.00
0.025
0.05
A3
0.152 REF
b
0.15
0.20
0.25
D
2.40 BSC
D2
1.70
1.80
1.90
E
1.50 BSC
E2
0.40
0.50
0.60
e
0.40 BSC
L
0.20
0.25
0.30


Similar Part No. - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585NNF1R E-CMOS-EC6585NNF1R Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
More results

Similar Description - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com