Electronic Components Datasheet Search
  English  ▼

X  

EC6585DNF1R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC6585DNF1R
Description  2 Channel Charge Pump Supply for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC6585DNF1R Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC6585DNF1R Datasheet HTML 1Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 2Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 3Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 4Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 5Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 6Page - E-CMOS Corporation EC6585DNF1R Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EC6585D
2 Channel Charge Pump
Supply for TFT-LCD
E-CMOS Corp. (www.ecmos.com.tw)
5J06N-Rev. F001
1/7
..
General Description
The
EC6585D
is
a
high
perfomance charge pump converter to generate positive and negative voltage
supply optimized for small to medium size thin-film transistor(TFT) liquid crystal di
splays (LCD’s). The positive
charge-pump controller provides 2x positive output voltage PAVDD and fixed -1x ratio of negative voltage
NAVDD to supply the TFT LCD. To minimize the inrush current a built-in soft start circuit sets the soft
start period.
The EC6585D is convinient to use and requires only 5 small and low-cost ceramic capacitors.It is
availiable in the TDFN-12L
package
which reduces board size and make the FPC or PCB layout design
easier.
Features
2.5V to 4.5V Input Supply
Positive Output Voltage Range 4.5V to 6V
Negative Output Voltage Range -4.5V to -6V
Support x2 Positive Voltage Charge Pump
Negative Voltage Charge Pump Follow x(-1) Positive Output Voltage
Up to 90% power conversion Efficiency
Up to 100mA output current
50mA Output Current Capability @VIN=2.8V
80mA Output Current Capability @VIN=3.3V
100mA Output Current Capability @VIN=3.7V
Build-in Soft-Start to Reduce Inrush Current
Cycle by Cycle Input Current Limit Protection
Small 12-pin 2.4mm*1.5mm*0.45mm TDFN Package
RoHS Compliant and Halogen Free
Applications
Smart Phone TFT LCD Bias Power Supply
Tablet TFT LCD Bias Power Supply
Car Navigation Display
Portable equipment
Pin Assignments


Similar Part No. - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
EC6585NNF1R E-CMOS-EC6585NNF1R Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
More results

Similar Description - EC6585DNF1R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Analog Devices
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
Power Supply for Charge Pump
August, 2014
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com