Electronic Components Datasheet Search
  English  ▼

X  

1092 Datasheet(PDF) 2 Page - Visual Communications Company

Part # 1092
Description  LED illumination
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1092 Datasheet(HTML) 2 Page - Visual Communications Company

  1092 Datasheet HTML 1Page - Visual Communications Company 1092 Datasheet HTML 2Page - Visual Communications Company 1092 Datasheet HTML 3Page - Visual Communications Company 1092 Datasheet HTML 4Page - Visual Communications Company 1092 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series
Lens
Style
Color
Voltage
1092Q
-
Hi-Dome
Hi-Hat
Semi-Dome
Small-Dome
A
C
D
M
Amber
Red
Green
28V
28V
12V
12V
luminous
intensity (Typ)
13,000 mcd
13,000 mcd
12,000 mcd
1
3
5
125VAC
125VAC
08/16 Rev 3
the first call for illuminated components
www.vcclite.com
1.800.522.5546
Speed Nut: SN0461-C
O’Ring Gasket: SPC472
The 1092 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, simply choose one option from each column.
An example is shown below
Example: 1092D5-12V
1092 with Semi-Dome lens - Green LED and 12 Volts
Ordering Data
Accessories Ordering Data [order separately]
2


Similar Part No. - 1092

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
1092-01A-5 ETC-1092-01A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-01A-6 ETC-1092-01A-6 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-02A-5 ETC-1092-02A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-02A-6 ETC-1092-02A-6 Datasheet
998Kb / 8P
   End Launch Connector Series
More results

Similar Description - 1092

ManufacturerPart #DatasheetDescription
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
   3-ch. LED Driver for illumination
logo
Rohm
BP5845W ROHM-BP5845W Datasheet
454Kb / 3P
   High-power LED Drivers for Illumination
logo
GREATECS
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
   SMT Slide Switches with LED Illumination
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
   Illumination and Flash RGB-LED Driver
logo
Rohm
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5844 ROHM-BP5844 Datasheet
972Kb / 4P
   Isolated High-power LED Driver for Illumination
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Sanken electric
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com