![]() |
Electronic Components Datasheet Search |
|
MV1001SC Datasheet(PDF) 19 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
MV1001SC Datasheet(HTML) 19 Page - Shindengen Electric Mfg.Co.Ltd |
19 / 35 page ![]() MV1001SC 18 4. Cautions on pattern designing 4.1 Cautions Figure 12 shows the same circuit shown in Figure 4, rewritten after accounting for pattern design. Consider the four items below for pattern design. Due to the potential for false detection, pay special attention to items 1 and 2. 1. The shaded area indicates the main circuit through which the switching current flows. To make this area as small as possible, wire with the shortest possible tracks, prioritizing this aspect over other aspects. 2. The area enclosed with a dotted line indicates the control circuit. Strive to minimize the effects of noise and magnetic flux of the main circuit on the control circuit. The control circuit should have one GND pin, connected to a stable part of the main circuit, such as a minus terminal of the input capacitor. In particular, make sure that the tracks to input signals to pins such as REF, Svin, Svout, and CS pins are kept at a distance from high-voltage circuits. 3. Magnetic flux is present around the inductor. Use a shield type inductor with a small flux leak. Make sure that the signal tracks are not placed just below the inductor. 4. Wire the tracks for the Svin and Svout pins as close to parallel as possible. Figure 12 Circuit diagram accounting for pattern design C1 C2 R1 R4 R9 D2 D1 Q1 R6 R5 R7 C5 C3 C4 C9 L1 Vin GND LED+ LED- LED R8 C8 R2 4 MV1001SC 3 2 1 5 6 7 8 REF R3 Cr CAT.No.1A0102-1E |
Similar Part No. - MV1001SC |
|
Similar Description - MV1001SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |