Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 22 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 22 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
MV1001SC
21
5.1 Operation in each mode
5.1.1
[A] Frequency modulation region
The operation waveforms in the frequency modulation region are those in critical conduction mode shown in Figure 15.
Figure 14 shows the internal circuit of the CS pin. Voltage 1/5 of VREF is compared to current detection threshold voltage
Vth_CS (0.495V); the lower voltage is used as the CS pin reference voltage. In actual use, both Vth_CS and VREF x1/5 will
change slightly. To make sure Vth_CS is used as the reference, set VREF to 2.6 V or greater.
If resonant period Toff2 is significantly less than ton and toff1, IL may be regarded as a triangle wave. Thus, Io = 1/2 x Ip,
and output current Io becomes proportional to VREF. However, the oscillation frequency increases as VREF decreases; the
ratios of Toff2 and detection delay to the period of a cycle will therefore increase. In this case, the proportional relationship
between Io and VREF may change somewhat.
REF pin voltage VREF: 2.6 V or more
REF pin voltage VREF: 2.5 V or less
Figure 14 CS pin internal circuit diagram
Figure 15 Operation waveforms in [A] frequency modulation region
3
4
-
+
CS
GND
Vth_CS
=0.495V
3
4
-
+
CS
GND
VREF×1/5
●VREF
≥ 2.6V (dimming ratio of 100%)
●VREF < 2.5V
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com