![]() |
Electronic Components Datasheet Search |
|
MV1001SC Datasheet(PDF) 23 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
MV1001SC Datasheet(HTML) 23 Page - Shindengen Electric Mfg.Co.Ltd |
23 / 35 page ![]() MV1001SC 22 5.1.2 [B] Off-time modulation region Operation waveforms in the off-time modulation region are those in discontinuous conduction mode shown in Figure 16. Output current can be controlled to very low levels by increasing the forced off-time Toff (DCM) as VREF falls. The forced off-time includes toff1, the period during which a current flows to D1. As shown by the formula in Figure 5, toff1 depends on Vo. Therefore, if Vo changes, Io in the [B] region will also change. The reference voltage for the CS pin is 1/5 of VREF in the [B] region as well, and therefore lower than in the [A] region. Thus, the circuit is more likely to be affected by noise in the [B] region. The MOSFET is more likely to switch off at a timing that varies from the time of peak current detection. The switching-on timing does not fall on a valley of the resonant voltage. If the VDS voltage at switching-on exceeds Vb, switching-on noise will increase. In actual use, after the switch is turned on, there will be a leading edge blanking (LEB) period in which noise is rejected. During LEB period, the MOSFET cannot be turned off. (Figure 17(b)) Even during the LEB period, when switching-on noise or noise from an external circuit exceeds the reference voltage, such noise will lead to false detection, and the MOSFET is turned off. (Figure 18(b)) As a result, Io drops below the optimal level. Depending on the timing of the noise, the LED light may flicker. If Coss of MOSFET, Cr of the resonant capacitor or Cj of the fly-wheel diode is large, the switching-on noise will also be large. If switching-on noise causes false detection, adjust the CS filter (page 12), adjust the gate resistance (page 11), or reselect the components above. To quickly check whether false detection occurred, use many different VREF settings to check for an apparently short Ton, which is not the peak current detection. Measurements may be incorrect if you measure the Vcs or VDS voltage. We recommend measuring just the gate pin waveform. ton toff1 Ip Io Vi+VF t t toff2 Vi-Vo IL VDS VCS VREF / 5 Forced off-time (a) Switched on when VDS ≈ Vb (b) Switched on when VDS > Vb Figure 16 Operation waveform in the [B] off-time modulation region Figure 17 Example of switching-on noise caused by VDS CAT.No.1A0102-1E |
Similar Part No. - MV1001SC |
|
Similar Description - MV1001SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |