Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 24 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 24 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
MV1001SC
23
(a) Noise fades within
LEB period
(b) Noise does not fade
within LEB period
Figure 18 Example of false detection due to switching-on noise
The resonant current flowing in toff2 period also flows to the current detection resistor Rcs. Vcs oscillates around 0 V
during the toff2 period. Even in case of the same VREF, Io accuracy and smoothness of dimming characteristics may be
degraded (see VREF ripple: Small in Figure 20) if the on-time changes significantly depending on whether Vcs at on-timing
exceeds 0 V, as shown in Figure 19.
The amplitude of Vcs during the toff2 period can be reduced by reducing the Coss of MOSFET and the Cr of the
resonant capacitor. Increasing the ripple voltage of VREF averages any changes in the on-time and reduces
Vcs-dependent changes in Io at switching-on. (See VREF ripple: Large in Figure 20.)
Figure 19 Changes in on-time determined by switching-on
timing in the [B] region
Figure 20 Example illustrating degraded smoothness of
dimming characteristics
LEB period
LEB period
VCS
VDS
Vb
Vi+VF
Gate
Vcc
VREF
×1/5
Io
VREF
VREF ripple: Small
VREF ripple: Large
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com