Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 26 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 26 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
MV1001SC
25
5.2 PWM dimming
5.2.1
PWM dimming in 100% and minimum dimming ratio regions
PWM dimming can be performed by sending a PWM signal to the REF pin with VREF in the 100% dimming ratio as the
high level and VREF in the minimum dimming ratio region as the low level. Frequency f and on-duty cycle Don of a PWM
signal should be 1 kHz or less and 1% or more, respectively.
Figure 22 Example of PWM dimming operation
As shown in Figure 22, when a PWM signal with on-duty cycle of Don is applied to the REF pin, Io becomes an average
current Io (ave) = Don x Io (max) + (1 – Don) x Io (min). In actual use, Io (min) is very small, and the equation may be
rewritten to Io (ave) ≈ Don x Io (max).
In PWM dimming, if the first switching-on timing in the H-level period is irregular, the practical Don will also become
irregular and Io will become unstable. The effect is especially significant if Don is small. To avoid this problem, the first
switching-on timing in the H-level period of every cycle aligns with each other by detecting a change of VREF from L level
to H level and forcibly outputting an on-trigger. This function helps stabilize Io (ave), even if Don is small.
Don
1-Don
Io
VREF
Io(max)
Io(ave)≒Don×Io(max)
H:2.6V or more
L:0.15V or less
t
t
H
L
IL
Io(min)
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com