Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 28 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 28 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
MV1001SC
27
5.3 Dimming circuit
5.3.1
Example of dimming circuit smoothing PWM signal
Figure 24 shows an example of a dimming circuit that smooths a PWM dimming signal and applies it to the REF pin.
Assuming that VREF_L represents VREF when the transistor Q101 is turned on and that VREF_H represents VREF when the
transistor is turned off in Figure 24, obtain the approximate values of those voltages using the formulas given below.
Increasing VREF_H narrows the dimming range. Applying the formula above, set the value of resistors R101 + R102 with
which the voltage becomes approximately 2.7 V. Make sure VDD applied is stable. A widely changing VDD will affect
dimming accuracy.
To ensure that the IC operates in the minimum dimming region when Q101 is turned on, set the value of resistors R103
+ R104 with which VREF_L, even if varying, does not exceed 0.15 V. I_ref is the REF pin voltage pull-up current and it is 32
μA (typical).
The components R103, R104, C101, and C102 smooth VREF_H and VREF_L, and VREF obtained with the formula below
is applied to the REF pin. Adjust the capacitance levels of C101 and C102 to 1 uF or less while checking dimming
characteristics.
Figure 24 Example of PWM dimming signal smoothing circuit
102
R
101
R
R102
V
H
_
V
DD
REF
104
R
103
R
ref
_
I
L
_
VREF
L
_
V
Don
H
_
V
Don
1
V
REF
REF
REF
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com