![]() |
Electronic Components Datasheet Search |
|
MV1001SC Datasheet(PDF) 31 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
MV1001SC Datasheet(HTML) 31 Page - Shindengen Electric Mfg.Co.Ltd |
31 / 35 page ![]() MV1001SC 30 6.3 Abnormal heat buildup The MV1001SC incorporates thermal shutdown. If the junction temperature (Tj) of the IC reaches the thermal shutdown stop temperature (approx. 150ºC), thermal shutdown is activated, and oscillation stops. If Tj falls about 50ºC from the stop temperature, the IC will reset automatically. If heat buildup occurs in a component other than the IC, the protection will not be activated. Install a separate protection circuit, if necessary. 6.4 CS pin open-circuit If the CS pin open-circuit occurs, Vcs will increase due to the internal pull-up current and remain above the CS pin reference voltage. The IC will therefore operate with the minimum on-time Ton_min, and Io will decrease. 6.5 CS-GND short-circuit The IC will be unable to perform peak current detection at the CS pin and will operate with the maximum on-time Ton_max. As Io increases, install a separate protection circuit, if necessary. 6.6 Current detection resistor open-circuit The source of MOSFET will float, and MOSFET operations will become unstable. If the MOSFET switches off, Io will approach zero. However, if the MOSFET is on, overvoltage will be applied to a CS pin, resulting in potential damage to the IC. Install a separate protection circuit, if necessary. 6.7 Current detection resistor short-circuit Vcs will become nearly equal to GND, and the IC will operate with the maximum on-time Ton_max. As Io increases, install a separate protection circuit, if necessary. CAT.No.1A0102-1E |
Similar Part No. - MV1001SC |
|
Similar Description - MV1001SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |