Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 11 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 11 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MV1001SC
10
Table 1 Recommended MOSFETs (as of January 2015)
Product name
Withstand
voltage (V)
Id (A)
Ron (typ)
Ron (max)
Qg (nC) Ciss (pF) Coss (pF) Manufacturer Package
P3B28HP2
280
3
1.7
2
3.6
120
25
Shindengen
FB
P6B28HP2
6
0.66
0.85
5.7
240
43
Shindengen
FB
P1R5B40HP2
400
1.5
4.2
5
3.9
120
20
Shindengen
FB
P4B40HP2
4
1.54
1.9
6.5
245
33
Shindengen
FB
P1B52HP2
525
1
6
7.2
4.3
125
20
Shindengen
FB
P5B52HP2
5
1.4
1.7
10.5
400
45
Shindengen
FB
P6B52HP2
6
1.1
1.35
15
520
58
Shindengen
FB
P0R5B60HP2
600
0.5
8.3
10
4.3
120
18
Shindengen
FB
3.2.2
Fly-wheel diode (D1)
Just as with MOSFETs, the fly-wheel diode must have withstand voltage greater than the input voltage. Additionally,
select a fast recovery diode (FRD) suitable for high-speed switching with trr of around 100 nsec or less. (See Table 2
Recommended fly-wheel diodes.)
Table 2 Recommended fly-wheel diodes (as of January 2015)
Product name
Withstand
voltage (V)
Io (A)
VF (V)
Cj (pF)
trr (ns)
Manufacturer
Package
D1FL20U
200
1.1
0.98
-
35
Shindengen
1F
D2FL20U
1.5
0.98
-
35
Shindengen
2F
D1FL40U
400
1.5
1.2
11
25
Shindengen
1F
D2FL40
1.3
1.3
-
50
Shindengen
2F
D1FK60
600
0.8
1.3
11
75
Shindengen
1F
D2FK60
1.5
1.3
16
75
Shindengen
2F
3.2.3
Current detection resistor (R1 and R2)
The current detection threshold of the CS pin should be Vth_CS = 0.495 V, and R1/R2 = Rcs. In Figure 5, when toff2 is
significantly less than ton or toff1, the peak current of Id, Ip, is double the output current Io. Thus, the Rcs is calculated
using the output current when the dimming ratio is 100%, Io (max), as follows:
In actual use, the current will vary slightly from the calculated value due to toff2 and detection delay. Adjust to the
appropriate resistance with the actual apparatus.
(max)
Io
2
495
.
0
Ip
th_CS
V
Rcs
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com