Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 12 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 12 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
MV1001SC
11
3.2.4
Inductor (L1)
Inductance is calculated, ignoring toff2, as follows, where the input voltage is represented by Vi, the output voltage
(LED voltage) by Vo, the switching frequency by f, the inductance by L, the forward voltage of the fly-wheel diode D1 by
VF:
The switching frequency changes with changes in input voltage and with dimming.
A general inductor has the DC bias characteristics shown in Figure 6(a). As current increases, inductance decreases.
This results in the MOSFET current waveform indicated by a solid line in Figure 6(b). The output current Io is slightly
smaller than the calculated value.
The inductor receives the peak current Ip about twice larger than the output current Io and thus pay attention to a
decrease in inductance with Ip when selecting the inductor.
Figure 6(a) Inductor’s DC bias characteristics
Figure 6(b) MOSFET current waveform at inductance drop
3.2.5
Gate drive circuit (R4, R9, and D2)
In the IC, the gate charging current (IG_source) is limited to about 40 mA and the discharge current (IG_sink) to about
425 mA. Thus, the circuit can be used with R4 = 0 Ω—i.e., with a direct connection. Using R4 enables adjustment for
delays, noise reduction, and improved dimming characteristics. However, if the resistance of R4 is too large, zero current
detection may not be performed once the restart operation starts. The restart operation may continue. To determine the
resistance of R4, be sure to confirm zero current detection can be performed even after starting with REF voltage = 0 V.
When R4 is added to the circuit, the discharge current is limited. To achieve advantageous constant-current
characteristics, the delay needs to be small; this means a discharge diode is required, D2. The discharge current can be
adjusted with resistor R9.
The charge and discharge currents above are levels with Vcc = 9 V. They will vary depending on Vcc value.
)
V
Vi
(
Io
f
2
)
V
Vo
(
)
Vo
Vi
(
L
F
F
The inductance falls
when a current is applied.
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com