Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 14 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 14 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
MV1001SC
13
3.2.8
Vcc pin smoothing capacitor (C3)
C3 is a capacitor used to stabilize the power supply voltage of the Vcc pin. Check the Vcc pin voltage waveform and
select a capacitor with capacitance of 0.1 uF or more. A very large capacitance value will length start times. Check with
the actual apparatus.
3.2.9
REF pin capacitor (C5)
C5 is a capacitor used to prevent unintended noise-induced operations. The capacitance of the capacitor should be
around 1000 pF. For dimming methods, see Section 5 [Dimming characteristics] on page 20.
3.2.10 Svin pin capacitor (C9)
C9 is a capacitor used to prevent unintended noise-induced operations. The capacitance of the capacitor should be
around 1000 pF.
3.2.11 Resonant capacitor (Cr)
In addition to enabling adjustments of the resonant period, Cr will reduce switching-off noise. However, note that it may
also increase switching-on noise. If Cr is too large, dimming characteristics and efficiency may be degraded. We
recommend against using this capacitor. If you wish to use it, make adjustments with the actual apparatus to minimize
capacitance.
3.2.12 Input capacitor (C1) and Output capacitor (C2)
Select input and output capacitors after considering allowable ripple current, life, output holding time, etc. The ripple
current of a capacitor is calculated by the following formulas:
Ripple current of input capacitor
Ripple current of output capacitor
Where D represents the switching duty cycle.
D is obtained using the formula, D = Vo/Vi, based on the relationship between input and output voltages.
In the case of an input capacitor, ripple currents are added from input circuit devices, such as the full wave rectifier and
PFC. Consider these as well when selecting the capacitor.
3.2.13 Svout pin capacitor (C8)
C8 is a capacitor used to adjust the delay shown in Figure 7 and to the on-timing. For a discussion of adjusting
on-timing using C8, see [Additional explanation of resonant period in quasi-resonant operation] on page 14.
C8 also prevents unintended noise-induced operations. Adjust the capacitance to around 10 to 100 pF with the actual
apparatus.
 
4
D
3
1
D
Ip
Iripin
3
Io
Iripout
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com