Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 16 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 16 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
MV1001SC
15
3.3 Winding voltage supply
3.3.1
Configuration of a winding voltage supply
Using an auxiliary winding shown in Figure 9 protects the MV1001SC against output overvoltages caused (for instance)
by LED open circuits and reduces the LED leak current at oscillation stop. Additionally, the operation is ensured even with
specifications at which the output voltage Vo does not exceed 10% of the maximum input voltage Vi. (See Section 3.2.6
[Selecting resistors for Svin and Svout pins] on page 12.)
When selecting components, select an auxiliary winding and a rectifier diode for the auxiliary winding.
Figure 9 Configuration of a winding voltage supply
3.3.2
Selecting the auxiliary winding (Nc)
If Vc represents the auxiliary winding voltage rectified and applied to the Vcc pin, Vc is obtained by the formula given
below. Considering changes in Vo due to dimming and changes in VF of the LED, select the turn ratio at which Vc voltage
falls within the range between 10 V and 16 V.
Np: Number of turns of inductor L1 [T]
Nc: Number of turns of auxiliary winding [T]
Depending on the turn ratio or the coupling condition of the winding, a surge voltage is generated in the auxiliary
winding, and Vc voltage may exceed the set level. Check with the actual apparatus to determine whether the Vc voltage is
between 10 V and 16 V.
3.3.3
Selecting the auxiliary winding rectifier diode (D3)
Vr, a reverse voltage represented by the following formula, is applied to D3. Note the withstand voltage when selecting
this component.
When the input voltage is at maximum, the reverse voltage applied to D3 is also at maximum. Use a fast recovery diode
(FRD) for D3.
(See Table 3 Recommended rectifier diodes.)
Vo
Vc
Np
Nc 
Np
Nc
Vi
Vr
CAT.No.1A0102-1E


Similar Part No. - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results

Similar Description - MV1001SC

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com