Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 123 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 123 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 119Page - Teccor Electronics AC12FSM Datasheet HTML 120Page - Teccor Electronics AC12FSM Datasheet HTML 121Page - Teccor Electronics AC12FSM Datasheet HTML 122Page - Teccor Electronics AC12FSM Datasheet HTML 123Page - Teccor Electronics AC12FSM Datasheet HTML 124Page - Teccor Electronics AC12FSM Datasheet HTML 125Page - Teccor Electronics AC12FSM Datasheet HTML 126Page - Teccor Electronics AC12FSM Datasheet HTML 127Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 223 page
background image
Application Notes
AN1001
©2002 Teccor Electronics
AN1001 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Sidac
Basic Operation
The sidac is a multi-layer silicon semiconductor switch. Figure
AN1001.7 illustrates its equivalent block construction using two
Shockley diodes connected inverse parallel. Figure AN1001.7
also shows the schematic symbol for the sidac.
Figure AN1001.7
Sidac Block Construction
The sidac operates as a bidirectional switch activated by voltage.
In the off state, the sidac exhibits leakage currents (IDRM) less
than 5 µA. As applied voltage exceeds the sidac VBO, the device
begins to enter a negative resistance switching mode with char-
acteristics similar to an avalanche diode. When supplied with
enough current (IS), the sidac switches to an on state, allowing
high current to flow. When it switches to on state, the voltage
across the device drops to less than 5 V, depending on magni-
tude of the current flow. When the sidac switches on and drops
into regeneration, it remains on as long as holding current is less
than maximum value (150 mA, typical value of 30 mA to 65 mA).
The switching current (IS) is very near the holding current (IH)
value. When the sidac switches, currents of 10 A to 100 A are
easily developed by discharging small capacitor into primary or
small, very high-voltage transformers for 10 µs to 20 µs.
The main application for sidacs is ignition circuits or inexpensive
high voltage power supplies.
Geometric Construction
Figure AN1001.8
Cross-sectional View of a Bidirectional Sidac Chip
with Multi-layer Construction
Diac
Basic Operation
The construction of a diac is similar to an open base NPN tran-
sistor. Figure AN1001.9 shows a simple block construction of a
diac and its schematic symbol.
Figure AN1001.9
Diac Block Construction
The bidirectional transistor-like structure exhibits a high-imped-
ance blocking state up to a voltage breakover point (VBO) above
which the device enters a negative-resistance region. These
basic diac characteristics produce a bidirectional pulsing oscilla-
tor in a resistor-capacitor AC circuit. Since the diac is a bidirec-
tional device, it makes a good economical trigger for firing triacs
in phase control circuits such as light dimmers and motor speed
controls. Figure AN1001.10 shows a simplified AC circuit using a
diac and a triac in a phase control application.
Figure AN1001.10
AC Phase Control Circuit
Geometric Construction
Figure AN1001.11
Cross-sectional View of Diac Chip
P
N
P
N
N
P
N
P
2
3
4
5
2
3
4
1
Equivalent Diode Relationship
Schematic Symbol
MT2
MT2
MT1
MT1
P3
P1
N2
N4
P5
MT1
MT2
MT1
MT2
N
N
P
MT1
MT2
Block Construction
Schematic Symbol
Load
N
N
P
MT1
MT2
Cross-section of Chip
Equivalent Diode
Relationship
MT1
MT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com