Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 141 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 141 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 137Page - Teccor Electronics AC12FSM Datasheet HTML 138Page - Teccor Electronics AC12FSM Datasheet HTML 139Page - Teccor Electronics AC12FSM Datasheet HTML 140Page - Teccor Electronics AC12FSM Datasheet HTML 141Page - Teccor Electronics AC12FSM Datasheet HTML 142Page - Teccor Electronics AC12FSM Datasheet HTML 143Page - Teccor Electronics AC12FSM Datasheet HTML 144Page - Teccor Electronics AC12FSM Datasheet HTML 145Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 223 page
background image
Application Notes
AN1003
©2002 Teccor Electronics
AN1003 - 9
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure AN1003.24
Microcontroller Heater Control
Summary
The load currents chosen for the examples in this application
note were strictly arbitrary, and the component values will be the
same regardless of load current except for the power triac or
SCR. The voltage rating of the power thyristor devices must be a
minimum of 200 V for 120 V input voltage and 400 V for 240 V
input voltage.
The use of alternistors instead of triacs may be much more
acceptable in higher current applications and may eliminate the
need for any dv/dt snubber network.
For many electrical products in the consumer market, competitive
thyristor prices and simplified circuits make automatic control a
possibility. These simple circuits give the designer a good feel for
the nature of thyristor circuits and their design. More sophistica-
tion, such as speed and temperature feedback, can be devel-
oped as the control techniques become more familiar. A
remarkable phenomenon is the degree of control obtainable with
very simple circuits using thyristors. As a result, industrial and
consumer products will greatly benefit both in usability and mar-
ketability.
120VAC
(HIGH)
AC
(RETURN)
WHITE
RV1
VARISTOR
R1
47
C3
.1µF
+5V
R2
1M
2000 W
D1
1N4001
D1
1N4001
R3
20M
D3
1N5231
C1
220µF
C2
.01µF
VDD
GP5
GP4
GP3
VSS
GP0
GP1
GP2
R6
470
R70
100
Ω
Q1
L4X8E5
Q2
Q4025L6
R4
470
R5
470
S2
S1
INCREASE HEAT
DECREASE HEAT
VDD
U1
12C508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com