Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 152 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 152 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 148Page - Teccor Electronics AC12FSM Datasheet HTML 149Page - Teccor Electronics AC12FSM Datasheet HTML 150Page - Teccor Electronics AC12FSM Datasheet HTML 151Page - Teccor Electronics AC12FSM Datasheet HTML 152Page - Teccor Electronics AC12FSM Datasheet HTML 153Page - Teccor Electronics AC12FSM Datasheet HTML 154Page - Teccor Electronics AC12FSM Datasheet HTML 155Page - Teccor Electronics AC12FSM Datasheet HTML 156Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 223 page
background image
AN1005
Application Notes
http://www.teccor.com
AN1005 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Gluing Recommendations
Prior to wave soldering, surface mount devices (SMDs) must be
fixed to the PCB or substrate by means of an appropriate adhe-
sive. The adhesive (in most cases a multicomponent adhesive)
has to fulfill the following demands:
•
Uniform viscosity to ensure easy coating
•
No chemical reactions upon hardening in order not to deterio-
rate component and PC board
•
Straightforward exchange of components in case of repair
Low-temperature Solder for Reducing
PC Board Damage
In testing and troubleshooting surface-mounted components,
changing parts can be time consuming. Moreover, desoldering
and soldering cycles can loosen and damage circuit-board pads.
Use low-temperature solder to minimize damage to the PC board
and to quickly remove a component. One low-temperature alloy
is indium-tin, in a 50/50 mixture. It melts between 118 °C and
125 °C, and tin-lead melts at 183 °C. If a component needs
replacement, holding the board upside down and heating the
area with a heat gun will cause the component to fall off. Per-
forming the operation quickly minimizes damage to the board and
component.
Proper surface preparation is necessary for the In-Sn alloy to wet
the surface of the copper. The copper must be clean, and you
must add flux to allow the alloy to flow freely.You can use rosin
dissolved in alcohol. Perform the following steps:
(1) Cut a small piece of solder and flow it onto one of the pads.
(2) Place the surface-mount component on the pad and melt the
soldered pad to its pin while aligning the part. (This operation
places all the pins flat onto their pads.)
(3) Cut small pieces of the alloy solder and flow each piece onto
each of the other legs of the component.
Indium-tin solder is available from ACI Alloys, San Jose, CA and
Indium Corporation of America, Utica, NY.
Multi-use Footprint
Package soldering footprints can be designed to accommodate
more than one package. Figure AN1005.8 shows a footprint
design for using both the Compak and an SOT-223. Using the
dual pad outline makes it possible to use more than one supplier
source.
Cleaning Recommendations
Using solvents for PC board or substrate cleaning is permitted
from approximately 70 °C to 80 °C.
The soldered parts should be cleaned with azeotrope solvent fol-
lowed by a solvent such as methol, ethyl, or isopropyl alcohol.
Ultrasonic cleaning of surface mount components on PCBs or
substrates is possible.
The following guidelines are recommended when using ultra-
sonic cleaning:
•
Cleaning agent: Isopropanol
•
Bath temperature: approximately 30 °C
•
Duration of cleaning: MAX 30 seconds
•
Ultrasonic frequency: 40 kHz
•
Ultrasonic changing pressure: approximately 0.5 bar
Cleaning of the parts is best accomplished using an ultrasonic
cleaner which has approximately 20 W of output per one liter of
solvent. Replace the solvent on a regular basis.
Figure AN1005.8
Dual Footprint for Compak Package
MT2 / Anode
Compak
Footprint
Footprint
for either
Compak
or SOT-223
Dual Pad Outline
Pad Outline
0.150
(3.8)
0.328
(8.33)
0.079
(2.0)
0.030
(.76)
0.040
(1.0)
0.019
(.48)
0.079
(2.0)
0.091
(2.31)
0.079
(2.0)
.055
(1.4)
0.059
(1.5)
TYP
TYP
0.079
(2.0)
0.079
(2.0)
0.079
(2.0)
0.110
(2.8)
0.030
(.76)
0.040
(1.0)
Gate
Gate
Gate
MT1 / Cathode
MT1
Not
used
M
T
2
SOT-223
Footprint
Dimensions are in inches (and millimeters).
MT2 / Anode
MT1 / Cathode
MT2 / Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com