Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 160 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 160 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 156Page - Teccor Electronics AC12FSM Datasheet HTML 157Page - Teccor Electronics AC12FSM Datasheet HTML 158Page - Teccor Electronics AC12FSM Datasheet HTML 159Page - Teccor Electronics AC12FSM Datasheet HTML 160Page - Teccor Electronics AC12FSM Datasheet HTML 161Page - Teccor Electronics AC12FSM Datasheet HTML 162Page - Teccor Electronics AC12FSM Datasheet HTML 163Page - Teccor Electronics AC12FSM Datasheet HTML 164Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Procedure 2: (+)VDRM, (+)IDRM
To measure the (+)VDRM and (+)IDRM parameter:
1. Set Left-Right Terminal Jack Selector to correspond with
location of the test fixture.
2. Increase Variable Collector Supply Voltage to the rated
VDRM of the device and observe the dot on the CRT. Read
across horizontally from the dot to the vertical current scale.
This measured value is the leakage current.
(Figure AN1006.11)
Figure AN1006.11 (+)IDRM = 205 nA at (+)VDRM = 600 V
Procedure 3: (-)VDRM, (-)IDRM
To measure the (-)VDRM and (-)IDRM parameter:
1. Set Polarity to (–).
2. Repeat Procedures 1 and 2. (Read measurements from
upper right corner of the screen.)
Procedure 4: VTM (Forward and Reverse)
To measure the VTM (Forward and Reverse) parameter:
1. Set Terminal Selector to Step Generator-Emitter Grounded.
2. Set Step/Offset Amplitude to twice the maximum IGT rating
of the device (to insure the device turns on).
3. Set Variable Collector Supply Voltage Range to 15 V Max
Peak volts. (16 V on 370)
4. Set Offset by depressing 0 (zero).
5. Set Rate by depressing Norm.
6. Set Step Family by depressing Rep (Repetitive).
7. Set Mode to Norm.
8. Set Horizontal knob to 0.5 V/DIV.
9. Set Power Dissipation to 220 W (100 W on 577).
10. Set Number of Steps to 1.
11. Set Step/Offset Polarity to non-inverted (button extended;
on 577 button depressed).
12. Set Vertical knob to a sufficient setting to allow the viewing
of 1.4 times the IT(RMS) rating of the device [IT(peak) on CRT].
Note the following:
•
Due to the excessive amount of power that can be generated in
this test, only parts with an IT(RMS) rating of 8 A or less should be
tested on standard curve tracer. If testing devices above 8 A, a
Tektronix model 176 high-current module is required.
•
A Kelvin test fixture is required for this test. If a Kelvin fixture is
not used, an error in measurement of VTM will result due to volt-
age drop in fixture. If a Kelvin fixture is not available,
Figure AN1006.3 shows necessary information to wire a test
fixture with Kelvin connections.
Procedure 5: VTM (Forward)
To measure the VTM (Forward) parameter:
1. Set Polarity to (+).
2. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
3. Increase Variable Collector Supply Voltage until current
reaches rated IT(peak), which is 1.4 times IT(RMS) rating of the
triac under test.
Note: Model 370 current is limited to 10 A.
WARNING: Limit test time to 15 seconds maximum. After
the Variable Collector Supply Voltage has been set to IT(peak),
the test time can automatically be set to a short test time by
changing Step Family from repetitive to single by depress-
ing the Single button.
To measure VTM, follow along horizontal scale to the point where
the trace crosses the IT(peak) value. The distance from the left-
hand side of scale to the crossing point is the VTM value.
(Figure AN1006.12)
Figure AN1006.12 VTM (forward) = 1.1 V at IPK = 11.3 A (8 A rms)
Procedure 6: VTM (Reverse)
To measure the VTM (Reverse) parameter:
1. Set Polarity to (–).
2. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
3. Increase Variable Collector Supply Voltage until current
reaches rated IT(peak).
4. Measure VTM(Reverse) similar to Figure AN1006.12, except from
upper right hand corner of screen.
Procedure 7: IH(Forward and Reverse)
To measure the IH (Forward and Reverse) parameter:
1. Set Step/Offset Amplitude to twice the IGT rating of the
device.
2. Set Power Dissipation to 10 W.
50
nA
100
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
IDRM
VDRM
()k
DIV
9m
PER
DIV
500
mV
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
VTM
IPK
2
A
100
mA
20
()k
DIV
9m
PER
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com