Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 175 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 175 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 171Page - Teccor Electronics AC12FSM Datasheet HTML 172Page - Teccor Electronics AC12FSM Datasheet HTML 173Page - Teccor Electronics AC12FSM Datasheet HTML 174Page - Teccor Electronics AC12FSM Datasheet HTML 175Page - Teccor Electronics AC12FSM Datasheet HTML 176Page - Teccor Electronics AC12FSM Datasheet HTML 177Page - Teccor Electronics AC12FSM Datasheet HTML 178Page - Teccor Electronics AC12FSM Datasheet HTML 179Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 223 page
background image
Application Notes
AN1007
©2002 Teccor Electronics
AN1007 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure AN1007.5
Normally Closed Switch Circuit
Optocoupled Driver Circuits
Random Turn-on, Normally Open
Many applications use optocouplers to drive thyristors. The com-
bination of a good optocoupler and a triac or alternistor makes an
excellent, inexpensive solid state relay. Application information
provided by the optocoupler manufacturers is not always best for
application of the power thyristor. Figure AN1007.6 shows a stan-
dard circuit for a resistive load.
Figure AN1007.6
Optocoupled Circuit for Resistive Loads (Triac or
Alternistor)
A common mistake in this circuit is to make the series gate resis-
tor too large in value. A value of 180
Ω is shown in a typical appli-
cation circuit by optocoupler manufacturers. The 180
Ω is based
on limiting the current to 1 A peak at the peak of a 120 V line
input. This is good for protection of the optocoupler output triac,
as well as the gate of the power triac on a 120 V line; however, it
must be lowered if a 24 V line is being controlled, or if the RL
(resistive load) is 200 W or less. This resistor limits current for
worst case turn-on at the peak line voltage, but it also sets turn-
on point (conduction angle) in the sine wave, since triac gate cur-
rent is determined by this resistor and produced from the sine
wave voltage as illustrated in Figure AN1007.2. The load resis-
tance is also important, since it can also limit the amount of avail-
able triac gate current. A 100
Ω gate resistor would be a better
choice in most 120 V applications with loads greater than 200 W
and optocouplers from Quality Technologies or Vishay with opto-
coupler output triacs that can handle 1.7 APK (ITSM rating) for a
few microseconds at the peak of the line. For loads less than
200 W, the resistor can be dropped to 22
Ω. Remember that if the
gate resistor is too large in value, the triac will not turn on at all or
not turn on fully, which can cause excessive power dissipation in
the gate resistor, causing it to burn out. Also, the voltage and dv/
dt rating of the optocoupler's output device must be equal to or
greater than the voltage and dv/dt rating of the triac or alternistor
it is driving.
Figure AN1007.7 illustrates a circuit with a dv/dt snubber network
included. This is a typical circuit presented by optocoupler manu-
facturers.
Figure AN1007.7
Optocoupler Circuit for Inductive Loads (Triac or
Alternistor)
This “T” circuit hinges around one capacitor to increase dv/dt
capability to either the optocoupler output triac or the power triac.
The sum of the two resistors then forms the triac gate resistor.
Both resistors should then be standardized and lowered to
100
Ω. Again, this sum resistance needs to be low, allowing as
much gate current as possible without exceeding the instanta-
neous current rating of the opto output triac or triac gate junction.
By having 100
Ω for current limit in either direction from the
capacitor, the optocoupler output triac and power triac can be
protected against di/dt produced by the capacitor. Of course, it is
most important that the capacitor be connected between proper
terminals of triac. For example, if the capacitor and series resis-
tor are accidentally connected between the gate and MT2, the
triac will turn on from current produced by the capacitor, resulting
in loss of control.
For low current (mA) and/or highly inductive loads, it may be nec-
essary to have a latching network (3.3 k
Ω + 0.047 µF) connected
directly across the power triac. The circuit shown in Figure
AN1007.8 illustrates the additional latching network.
Load
Triac
51 k
0.02 µF
(4) IN4004
PS2502
+
120 V ac
Q2008L4
BS08D
Rin
VCC
1
6
4
180
G
RL
120 V
60 Hz
MT2
MT1
Hot
Neutral
Load Could Be
in Either Leg
2
Rin
VCC
1
6
4
100
G
Neutral
2
100
ZL
120 V
60 Hz
MT2
MT1
Hot
0.1 µF
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com