Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 191 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 191 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 187Page - Teccor Electronics AC12FSM Datasheet HTML 188Page - Teccor Electronics AC12FSM Datasheet HTML 189Page - Teccor Electronics AC12FSM Datasheet HTML 190Page - Teccor Electronics AC12FSM Datasheet HTML 191Page - Teccor Electronics AC12FSM Datasheet HTML 192Page - Teccor Electronics AC12FSM Datasheet HTML 193Page - Teccor Electronics AC12FSM Datasheet HTML 194Page - Teccor Electronics AC12FSM Datasheet HTML 195Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 223 page
background image
Application Notes
AN1010
©2002 Teccor Electronics
AN1010 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure AN1010.4
240 V ac Triac/Diac Circuit
Figure AN1010.5 illustrates a circuit using a sidac phase control
network to ignite a 240 V ac fluorescent lamp. This circuit works
basically the same as the 120 V circuit shown in Figure
AN1010.3, except that component values are changed to com-
pensate for higher voltage. The one major change is that two
K2400E devices in series are used to accomplish high firing volt-
age for a fluorescent lamp.
Figure AN1010.5
240 V ac Sidac Circuit
240 V ac
Line
Input
Lamp
40 W
Optional
Charging
Network
3.3 µF
0.047 µF
50 V
470 k
HT-32
MT1
G
MT2
Q601E4
Ballast
47 k
1N4004
Lamp
40 W
3.3 µF
240 V ac
Line
Input
K2400E
Sidac
K2400E
Sidac
Optional
Charging
Network
Ballast
1N4004
47 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com