Electronic Components Datasheet Search
  English  ▼

X  

PMW3330DM-T2QU Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PMW3330DM-T2QU
Description  Optical Gaming Navigation Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3330DM-T2QU Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PMW3330DM-T2QU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 |6 April 2016
PixArt Imaging Inc. All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any
other forms
without permission.
PMW3360DM-T2QU: Optical Gaming Navigation Sensor
General Description
PMW3360DM-T2QU is PixArt Imaging's high end gaming sensor
which comprises of navigation sensor and IR LED integrated in
a 16pin molded lead-frame DIP package. It provides best in class
gaming experience with the enhanced features of high speed,
high resolution, high accuracy and selectable lift detection
height to fulfill professional gamers’ need. The sensor comes
with self-adjusting variable frame rate algorithm to enable
wireless gaming application. It is designed to be used with
LM19-LSI lens to achieve optimum performance.
Key Features
Integrated 16 pin molded lead-frame DIP package with IR
LED
Operating Voltage: 1.8V - 2.1V
Lift detection options
Manual lift cut off calibration
2mm
3mm
High speed motion detection 250ips (typical) and
acceleration 50g (max).
Selectable resolutions up to 12000cpi with 100cpi step
size
Resolution error of 1% (typical)
Four wire serial port interface (SPI)
External interrupt output for motion detection
Internal oscillator — no clock input needed
Self-adjusting variable frame rate for optimum power
performance in wireless application
Customizable response time and downshift time for rest
modes
Enhanced programmability
Angle snapping
Angle tunability
Applications
Wired and Wireless Optical gaming mice
Integrated input devices
Battery-powered input devices
Key Sensor Parameters
Parameter
Value
Power supply Range
1.8V - 2.1V
Optical Lens
1:1
Interface
4 wire Serial Port Interface
(SPI)
System Clock
70MHz
Frame Rate
Up to 12000 fps
Speed
250ips (typical)
Resolution
12000 cpi
Package Type
16 pin molded lead-frame
DIP package with
integrated IR LED
Ordering Information
Part Number
Package Type
PMW3360DM-T2QU
16pin-DIP
LM19-LSI
Lens


Similar Part No. - PMW3330DM-T2QU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
More results

Similar Description - PMW3330DM-T2QU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com