Electronic Components Datasheet Search
  English  ▼

X  

PMW3330DM-T2QU Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PMW3330DM-T2QU
Description  Optical Gaming Navigation Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3330DM-T2QU Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PMW3330DM-T2QU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3330DM-T2QU Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 |6 April 2016
PixArt Imaging Inc. All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any
other forms
without permission.
1.0
System Level Description
This section covers PMW3360’s guidelines and recommendations in term of sensor, lens & PCB assemblies.
1.1
Pin Configuration
Figure 1. Device output pins
Table 1. PMW3360DM-T2QU Pin Description
Items
Marking
Remark
Product
Number
PMW3360DM-T2QU
Lot Code
AYWWXXXXX
A : Assembly house
Y: Year
WW: Week
XXXXX: PixArt reference
Pin No.
Function
Symbol
Type
Description
1
NA
NC
NC
(Float)
2
NA
NC
NC
(Float)
3
Supply Voltage
and
I/O Voltage
VDDPIX
Power
LDO output for
selective analog circuit
4
VDD
Power
Input power supply
5
VDDIO
Power
I/O reference voltage
6
NA
NC
NC
(Float)
7
Reset control
NRESET
Input
Chip reset(active low)
8
Ground
GND
GND
Ground
9
Motion Output
MOTION
Output
Motion detect
10
4-wire spi
communication
SCLK
Input
Serial data clock
11
MOSI
Input
Serial data input
12
MISO
Output
Serial data output
13
NCS
Input
Chip select(active low)
14
NA
NC
NC
(Float)
15
LED
LED_P
Input
LED Anode
16
NA
NC
NC
(Float)


Similar Part No. - PMW3330DM-T2QU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
More results

Similar Description - PMW3330DM-T2QU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com