Electronic Components Datasheet Search
  English  ▼

X  

PE33073-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE33073-48
Description  Cable ASsembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33073-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE33073-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
3
How to Order
Part Number Configuration:
PE33073
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE33073-12 = 12 inches long cable
PE33073-100cm = 100 cm long cable
SMA Male Right Angle to TNC Female Bulkhead Cable 48 Inch Length Using RG316 Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to TNC Female Bulkhead Cable 48 Inch Length Using RG316 Coax
PE33073-48
URL: http://www.pasternack.com/sma-male-tnc-female-rg316u-cable-assembly-pe33073-48-p.aspx
PE33073-48 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male Right Angle to TNC Female Bulkhead
Cable 48 Inch Length Using RG316 Coax
PE33073-48



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com