Electronic Components Datasheet Search
  English  ▼

X  

0152670923 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0152670923
Description  Premo-Flex Cable Jumpers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0152670923 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0152670923 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0152670923
Status:
Active
Overview:
Premo-Flex Cable Jumpers
Description:
1.00mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 23 Circuits,
0.051m Cable Length, Tin (Sn) Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-15267-001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-15267-001-001 (PDF)
General
Product Family
Cable
Series
15267
Comments
Contacts on the same side, Type A
Crimp Quality Equipment
Yes
Overview
Premo-Flex Cable Jumpers
Product Literature Order No
987650-6631
Product Name
Premo-Flex FFC Jumper
UPC
884982428577
Physical
Cable Length
0.051m
Circuits (Loaded)
23
Circuits (maximum)
23
Net Weight
0.922/g
Packaging Type
Bag
Pitch - Termination Interface
1.00mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15267-001-001
Product Specification
PS-15267-001-001
Sales Drawing
SD-15267-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
15267 Series
Use With
52207 , 52271 , 52852 , 52793 , 52808
, 52610 , 52807 , 52030 , 52806 <br><a
href="http://www.molex.com/product/ffc">
Molex FFC – FPC connector</a>. Be sure to
match like plating.
This document was generated on 12/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0152670923

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0152670920 MOLEX1-0152670920 Datasheet
37Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D)
0152670922 MOLEX1-0152670922 Datasheet
37Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D)
0152670928 MOLEX1-0152670928 Datasheet
37Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D)
0152670929 MOLEX1-0152670929 Datasheet
37Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A)
More results

Similar Description - 0152670923

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15166-XXXX MOLEX2-15166-XXXX Datasheet
916Kb / 2P
   Premo-Flex??Flat Flex Cable Jumpers
15015-0223 MOLEX2-15015-0223 Datasheet
713Kb / 2P
   Premo-Flex??Etched Polyimide Jumpers
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
logo
Aries Electronics, Inc.
4-002-171PTLHT ARIES-4-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
13-003-173 ARIES-13-003-173 Datasheet
272Kb / 3P
   Flat Pin Staked Flex Jumpers
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com