Electronic Components Datasheet Search
  English  ▼

X  

RPS-120 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-120
Description  120W Reliable Green Medical Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-120 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RPS-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mechanical Specification
Case No.245A
Unit:mm
FAN
10CFM
direction
Air flow
R P S - 1 2 0 series
100
103.4
1.7
2-M3 L=2
2-M3 L=4
2-R1.75
12.7
78
24.2
55
1
2
3
CN1
1
2
3
4
CN2
CN101
1 2
Side View
Top View
Side View
Side View
Side View
120W Reliable Green Medical Power Supply
RPS-120-C (Enclosed Type)
Bottom View
File Name:RPS-120-SPEC 2017-10-23


Similar Part No. - RPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-12 MEANWELL-RPS-120S-12 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-15 MEANWELL-RPS-120S-15 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-24 MEANWELL-RPS-120S-24 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-27 MEANWELL-RPS-120S-27 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
More results

Similar Description - RPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
RPS-200 MEANWELL-RPS-200 Datasheet
763Kb / 6P
   200W Reliable Green Medical Power Supply
RPS-30 MEANWELL-RPS-30 Datasheet
613Kb / 4P
   30W Reliable Green Medical Power Supply
RPS-500 MEANWELL-RPS-500 Datasheet
752Kb / 10P
   500W  Reliable Green Medical Power Supply
logo
Vitec Power
SMFA120-SERIES Vitec-SMFA120-SERIES Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
   120W Open Frame Power Supply
logo
Level One
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
   120W 48VDC Industrial Power Supply,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com