Electronic Components Datasheet Search
  English  ▼

X  

RPS-120 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-120
Description  120W Reliable Green Medical Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-120 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  RPS-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No.
1
2
3
Assignment
AC/N
No Pin
AC/L
Mating Housing
JST VHR
JST SVH-21T-P1.1
or equivalent
or equivalent
Terminal
DC Output Connector (CN2) : JST B4P-VH or equivalent
Pin No.
1,2
3,4
Assignment
-V
+V
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
Mating Housing
JST PHR-2
or equivalent
Terminal
JST SPH-002T-P0.5S
or equivalent
FAN Connector(CN101) :
or equivalent
JST S2B-PH-K-S
Pin No.
1
2
Assignment
+12V(FAN+)
DC COM(FAN-)
1.HS1,HS2 cannot be shorted.
2.HS1 must have safety isolation distance with system case.
R P S - 1 2 0 series
※Note : 1. The FAN supply is designed to serve as the source of the additive external fan for the cooling of the power supply,
enabling the full load delivery and assuring the best life span of the product. Please do not use this FAN supply to
drive other devices.
2.The PCB type(Blank type)model delivers EMI Class B for both conducted emission and radiated emission for the power
supply, when configured into either Class Ⅰ(with FG) or Class Ⅱ (no FG) system.
Ⅱ (no FG)
3.The Enclosed type(-C type) model is not suitable for the configuration within a Class
system but is
suggested to used within a Class Ⅰ(with FG) system.
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
File Name:RPS-120-SPEC 2017-10-23
120W Reliable Green Medical Power Supply


Similar Part No. - RPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-12 MEANWELL-RPS-120S-12 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-15 MEANWELL-RPS-120S-15 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-24 MEANWELL-RPS-120S-24 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-27 MEANWELL-RPS-120S-27 Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
More results

Similar Description - RPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
   120W 3"횞2" Reliable Green Medical Power Supply
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
RPS-200 MEANWELL-RPS-200 Datasheet
763Kb / 6P
   200W Reliable Green Medical Power Supply
RPS-30 MEANWELL-RPS-30 Datasheet
613Kb / 4P
   30W Reliable Green Medical Power Supply
RPS-500 MEANWELL-RPS-500 Datasheet
752Kb / 10P
   500W  Reliable Green Medical Power Supply
logo
Vitec Power
SMFA120-SERIES Vitec-SMFA120-SERIES Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
   120W Open Frame Power Supply
logo
Level One
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
   120W 48VDC Industrial Power Supply,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com