Electronic Components Datasheet Search
  English  ▼

X  

RPS-120 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-120
Description  120W Reliable Green Medical Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-120 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPS-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RPS-120 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R P S - 1 2 0 series
SPECIFICATION
MODEL
DC VOLTAGE
CURRENT
10CFM
10CFM
Convection
Convection
RATED
POWER
OUTPUT
LINE REGULATION
VOLTAGE ADJ. RANGE
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
FUNCTION
INRUSH CURRENT (Typ.)
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
FAN SUPPLY
OVER TEMPERATURE
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION (L*W*H)
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
500ms, 30ms/230VAC
500ms, 30ms/115VAC at full load
50ms/230VAC
10ms/115VAC at full load
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
89%
89%
90%
16.5 ~ 19.5V
90%
26.4 ~ 31.2V
91%
29.7 ~ 35V
52.8 ~ 62.4V
2.1A/115VAC
1.2A/230VAC
COLD START 30A/115VAC
60A/230VAC
115~150% rated output power
13.2 ~ 15.6V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-30 ~ +70℃ (Refer to "Derating Curve")
12V@0.5A for driving a fan ; tolerance -15% ~ +10%
-40 ~ +85℃, 10 ~ 95% RH non-condensing
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
653.5Khrs min.
MIL-HDBK-217F (25℃)
PCB:101.6*50.8*29mm
or 4" * 2" *1.141" inch ; Enclosed type:103.4*62*40mm or 4.07" * 2.44" *1.57" inch
PCB:0.15Kg; 72pcs/11.8Kg/0.82CUFT ; Enclosed type:0.24Kg; 60pcs/15.4Kg/1.12CUFT
±1.0%
±0.5%
±1.0%
±0.5%
±1.0%
±0.5%
±0.5%
±1.0%
±1.0%
±0.5%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
100mVp-p
11.4~12.6V
14.3~15.8V
22.8~25.2V
25.6 ~ 28.4V
45.6 ~50.4V
120mVp-p
150mVp-p
150mVp-p
150mVp-p
15V
24V
27V
48V
10A
7.0A
8A
5.6A
5A
3.5A
4.5A
3.15A
2.5A
1.75A
120W
84W
84W
120W
84W
120W
85W
121.5W
84W
120W
RPS-120-12□
RPS-120-15□
RPS-120-24□
RPS-120-27□
RPS-120-48□
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3





6.
℃




ENVIRONMENT
SAFETY &
EMC
(Note 7)
PROTECTION
Primary-Secondary: 2xMOPP, Primary-Earth:1xMOPP, Secondary-Earth:1xMOPP
IEC60601-1, TUV EN60601-1, UL ANSI / AAMI ES60601-1 (3.1 version),
CAN/CSA-C22.2 No. 60601-1:14 - Edition 3 approved;
Design refer to EN60335-1
12V
LEAKAGE CURRENT(max.) Note.5
Earth leakage current < 150 A/264VAC , Touch current < 80 A/264VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC
I/P-O/P, I/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH
Protection type : Shut down o/p voltage, re-power on to recover
Protection type : Shut down o/p voltage, re-power on to recover
Parameter
Parameter
ESD
Standard
Standard
EN55011 (CISPR11)
EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class B
Class A
-----
EMC IMMUNITY
EMC EMISSION
EN60601-1-2
100% dip 1 periods, 30% dip 25 periods,
100% interruptions 250 periods
OPERATING ALTITUDE Note.6
4000 meters
120W Reliable Green Medical Power Supply
μ
μ
μ
μ
RF field susceptibility
EFT bursts
Surge susceptibility
Conducted susceptibility
Magnetic field immunity
Voltage dip, interruption
Conducted emission
Radiated emission
Harmonic current
Voltage flicker
Level 4, 15KV air ; Level 4, 8KV contact
Level 4, 30A/m
Level 3, 10V
Level 3, 2KV
Level 4, 4KV/Line-FG; 2KV/Line-Line
File Name:RPS-120-SPEC 2017-10-23
Level 3, 10V/m( 80MHz~2.7GHz )
Table 9, 9~28V/m( 385MHz~5.78GHz )


Similar Part No. - RPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-12 MEANWELL-RPS-120S-12 Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-15 MEANWELL-RPS-120S-15 Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-24 MEANWELL-RPS-120S-24 Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
RPS-120S-27 MEANWELL-RPS-120S-27 Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
More results

Similar Description - RPS-120

ManufacturerPart #DatasheetDescription
logo
Level One
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
120W 48VDC Industrial Power Supply,
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
120W Open Frame Power Supply
logo
Vitec Power
SMFA120-SERIES Vitec-SMFA120-SERIES Datasheet
408Kb / 2P
120W Open-Frame Power Supply for Medical Equipment
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
120W Open-Frame Power Supply for Medical Equipment
logo
Mean Well Enterprises C...
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
120W AC-DC Reliable Green Medical Adaptor
RPS-30 MEANWELL-RPS-30 Datasheet
613Kb / 4P
30W Reliable Green Medical Power Supply
RPS-200 MEANWELL-RPS-200 Datasheet
763Kb / 6P
200W Reliable Green Medical Power Supply
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
400W Reliable Green Medical Power Supply
RPS-120S MEANWELL-RPS-120S Datasheet
116Kb / 4P
120W 3"횞2" Reliable Green Medical Power Supply
RPS-500 MEANWELL-RPS-500 Datasheet
752Kb / 10P
500W  Reliable Green Medical Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com