Electronic Components Datasheet Search
  English  ▼

X  

TLC5923 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5923 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5923 Datasheet HTML 5Page - Texas Instruments TLC5923 Datasheet HTML 6Page - Texas Instruments TLC5923 Datasheet HTML 7Page - Texas Instruments TLC5923 Datasheet HTML 8Page - Texas Instruments TLC5923 Datasheet HTML 9Page - Texas Instruments TLC5923 Datasheet HTML 10Page - Texas Instruments TLC5923 Datasheet HTML 11Page - Texas Instruments TLC5923 Datasheet HTML 12Page - Texas Instruments TLC5923 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
Serial Interface Data Transfer Rate
TLC5923
SIN
SOUT
OUT0
OUT15
SCLK
MODE
XLAT
BLANK
IREF
XERR
TLC5923
SIN
SOUT
OUT0
OUT15
SCLK
MODE
XLAT
BLANK
IREF
XERR
IC 0
IC n
5
SIN
SCLK
MODE
XLAT
BLANK
XERR
Controller
SOUT
100 k
100 nF
V(LED)
V(LED)
V(LED)
V(LED)
VCC
100 nF
VCC
VCC
f_(SCLK) + 112
f_(update)
n
(3)
Operating Modes
TLC5923
SLVS550 – DECEMBER 2004
The TLC5923 includes a flexible serial interface, which can be connected to microcontroller or digital signal
processor. Only 3 pins are in required to input data into the device. The rising edge of SCLK signal shifts the
data from SIN pin to internal shift register. After all data is clocked in, a rising edge of XLAT latches the serial
data to the internal registers. All data is clocked in with MSB first. Multiple TLC5923 devices can be cascaded by
connecting SOUT pin of one device with SIN pin of following device. The SOUT pin can also be connected to
controller to receive LOD information from TLC5923.
Figure 11. Cascading Devices
Figure 11 shows a example application with n cascaded TLC5923 devices connected to a controller. The
maximum number of cascaded TLC5923 devices depends on application system and data transfer rate.
Equation 3 calculates the minimum data input frequency needed.
where:
f_(SCLK): The minimum data input frequency for SCLK and SIN.
f_(update): The update rate of the whole cascaded system.
n: The number of cascaded TLC5923 devices.
The TLC5923 has different operating modes depending on MODE signal. Table 2 shows the available operating
modes.
Table 2. TLC5923 Operating Modes Truth Table
MODE SIGNAL
INPUT SHIFT REGISTER
MODE
LOW
16 bit
On/Off Mode
HIGH
112 bit
Dot Correction Data Input Mode
9


Similar Part No. - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com