Electronic Components Datasheet Search
  English  ▼

X  

TLC5923 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5923 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5923 Datasheet HTML 6Page - Texas Instruments TLC5923 Datasheet HTML 7Page - Texas Instruments TLC5923 Datasheet HTML 8Page - Texas Instruments TLC5923 Datasheet HTML 9Page - Texas Instruments TLC5923 Datasheet HTML 10Page - Texas Instruments TLC5923 Datasheet HTML 11Page - Texas Instruments TLC5923 Datasheet HTML 12Page - Texas Instruments TLC5923 Datasheet HTML 13Page - Texas Instruments TLC5923 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
Error Information Output
TEF: Thermal Error Flag
LOD: LED Open Detection
LOD
OUT15
15
0
MSB
LSB
LOD Data
LOD
OUT14
LOD
OUT13
LOD
OUT12
LOD
OUT11
LOD
OUT10
LOD
OUT9
LOD
OUT8
LOD
OUT7
LOD
OUT6
LOD
OUT5
LOD
OUT4
LOD
OUT3
LOD
OUT2
LOD
OUT1
LOD
OUT0
TLC5923
SLVS550 – DECEMBER 2004
The open-drain output XERR is used to report both of the TLC5923 error flags, TEF and LOD. During normal
operating conditions, the internal transistor connected to the XERR pin is turned off. The voltage on XERR is
pulled up to VCC through a external pullup resistor. If TEF or LOD is detected, the internal transistor is turned on,
and XERR is pulled to GND. Since XERR is an open-drain output, multiple ICs can be OR'ed together and pulled
up to VCC with a single pullup resistor. This reduces the number of signals needed to report a system error.
To differentiate LOD and TEF signal from XERR pin, LOD can be masked out with BLANK = HIGH.
Table 3. XERR Truth Table
ERROR CONDITION
ERROR INFORMATION
SIGNALS
TEMPERATURE
OUNTn VOLTAGE
TEF
LOD
BLANK
XERR
TJ < T(TEF)
Don't Care
L
X
H
H
TJ > T(TEF)
Don't Care
H
X
L
TJ < T(TEF)
OUTn > V(LOD)
L
L
L
H
OUTn < V(LOD)
L
H
L
TJ > T(TEF)
OUTn > V(LOD)
H
L
L
OUTn < V(LOD)
H
H
L
The TLC5923 provides a temperature error flag (TEF) circuit to indicate an overtemperature condition of the IC. If
the junction temperature exceeds the threshold temperature T(TEF) (160°C typical), the TEF circuit trips and pulls
XERR to ground.
The TLC5923 provides an LED open-detection circuit (LOD). This circuit reports an error if any one of the 16
LEDs is open or disconnected from the circuit. The LOD circuit trips when the following two conditions are met
simultaneously:
1. BLANK is set to LOW
2. When the voltage at OUTn is less than V(LOD) (0.3 V typ.) (Note: the voltage at each OUTn is sampled 1 µs
after being turned on).
The LOD circuit also pulls XERR to GND when tripped.
The LOD status of each channel can also be read out from the TLC5923 SOUT pin. When MODE is low and
On/Off data is latched with rising edge of XLAT, LOD data is written to the input shift register with the falling edge
of XLAT. These LOD data is clocked out to SOUT when new On/Off data is clocked in. These allow to control the
LOD status of each OUTn channel. Figure 12 shows the LOD data format.
Figure 12. LOD Data
10


Similar Part No. - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
LED DRIVER
logo
Texas Instruments
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com