Electronic Components Datasheet Search
  English  ▼

X  

TLC5923 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5923 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5923 Datasheet HTML 1Page - Texas Instruments TLC5923 Datasheet HTML 2Page - Texas Instruments TLC5923 Datasheet HTML 3Page - Texas Instruments TLC5923 Datasheet HTML 4Page - Texas Instruments TLC5923 Datasheet HTML 5Page - Texas Instruments TLC5923 Datasheet HTML 6Page - Texas Instruments TLC5923 Datasheet HTML 7Page - Texas Instruments TLC5923 Datasheet HTML 8Page - Texas Instruments TLC5923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
AC Characteristics
ELECTRICAL CHARACTERISTICS
TLC5923
SLVS550 – DECEMBER 2004
V
CC = 3 V to 5.5 V, TA = -20°C to 85°C (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency
SCLK
30
MHz
twh0/twl0
CLK pulse duration
SCLK=H/L
16
ns
twh1
XLAT pulse duration
XLAT=H
20
ns
tsu0
SIN - SCLK
10
ns
tsu1
SCLK
↑-XLAT↓
10
ns
Setup time
tsu2
MODE
↑↓-SCLK↑
10
ns
tsu3
MODE
↑↓-XLAT↓
10
ns
th0
SCLK
↑-SIN
10
ns
th1
XLAT
↓-SCLK↑
10
ns
Hold time
th2
SCLK
↑-MODE↑↓
10
ns
th3
XLAT
↓-MODE↑↓
10
ns
V
CC = 3 V to 5.5 V, TA = - 20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = - 1 mA, SOUT
VCC -0.5
V
VOL
Low-level output voltage
IOL = 1 mA, SOUT
0.5
V
VI = VCC or GND, BLANK, XLAT, SCLK, SIN,
II
Input current
-1
1
µA
MODE
No data transfer, All output OFF, VO = 1 V,
6
R(IREF) = 10 kΩ
No data transfer, All output OFF, VO = 1 V,
12
R(IREF) = 1.3 kΩ
ICC
Supply current
mA
Data transfer 30 MHz, All output ON, VO = 1 V,
25
R(IREF) = 1.3 kΩ
Data transfer 30 MHz, All output ON, VO = 1 V,
36
65(1)
R(IREF) = 600 kΩ
IOLC
Constant output current
All output ON, VO = 1 V, R(IREF) = 600 Ω
70
80
90
mA
All output OFF, VO = 15 V, R(IREF) = 600 Ω ,
ILO0
0.1
µA
OUT0 to OUT15
Leakage output current
ILO1
VXERR = 5.5 V, No TEF and LOD
10
µA
All output ON, VO = 1 V, R(IREF) = 600 Ω,
∆I
OLC0
Constant current error
± 1
± 4
%
OUT0 to OUT15
device to device, averaged current from OUT0
∆I
OLC1
Constant current error
± 4
± 8.5
%
to OUT15, R(IREF) = 600 Ω
All output ON, VO = 1 V, R(IREF) = 600 Ω,
∆I
OLC2
Power supply rejection ratio
± 1
± 4
%/V
OUT0 to OUT15
All output ON, VO = 1 V to 3 V, R(IREF) = 600
∆I
OLC3
Load regulation
Ω,
± 2
± 6
%/V
OUT0 to OUT15
T(TEF)
Thermal error flag threshold
Junction temperature, rising temperature(2)
150
160
180
°C
LED open detection
V(LOD)
0.3
0.4
V
threshold
V(IREF)
Reference voltage output
R(IREF) = 600 Ω
1.20
1.24
1.28
V
(1)
Measured at device start-up temperature. Once the IC is operating (self heating), lower ICC values will be seen. See Figure 15.
(2)
Not tested. Specified by design.
3


Similar Part No. - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com