Electronic Components Datasheet Search
  English  ▼

X  

PE4309 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4309
Description  BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4309 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4309 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4309 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4309 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 4 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4309 BNC female bulkhead connector with crimp/solder attachment for RG59, RG62 and RG71 (.480 inch D
hole) is part of our full line of RF components available for same-day shipping. Our BNC female connector operates up to a
maximum frequency of 4 GHz. This BNC bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our BNC female bulkhead connector PE4309 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.428 in [36.27 mm]
Width/Dia.
0.688 in [17.48 mm]
.
Weight
0.041 lbs [18.6 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG59, RG62, RG71,
.480 inch D Hole PE4309
PE4309 REV 1.2
BNC Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG59, RG62, RG71, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4309


Similar Part No. - PE4309

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Pasternack Enterprises,...
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
logo
Peregrine Semiconductor
PE4309 PSEMI-PE4309 Datasheet
330Kb / 9P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
330Kb / 9P
50 廓 RF Digital Attenuator
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
More results

Similar Description - PE4309

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4106 PASTERNACK-PE4106_16 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4209 PASTERNACK-PE4209_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4422 PASTERNACK-PE4422_16 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com