Electronic Components Datasheet Search
  English  ▼

X  

PE4311 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4311
Description  MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4311 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4311 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4311 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4311 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Solder Cup
Terminal, .380 inch DD Hole PE4311
URL: https://www.pasternack.com/mhv-female-standard-solder-cup-terminal-connector-pe4311-p.aspx
PE4311 REV 1.2
RF Connectors Technical Data Sheet
PE4311
MHV Female Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Solder Cup Terminal, .380 inch DD Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com