Electronic Components Datasheet Search
  English  ▼

X  

PE2BL1000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2BL1000
Description  50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2BL1000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2BL1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2BL1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2BL1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2BL1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2BL1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/14/2014
Plotted and Other Data
Notes:
Typical Performance Data
-40
-35
-30
-25
-20
-15
-10
-5
0
225
400
575
750
925
1100
1275
1450
1625
1800
1975
0 dB
MHz
Return Loss and Insertion Loss
Return Loss
Insertion Loss
(J2+J3)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
225
400
575
750
925
1100
1275
1450
1625
1800
1975
-1 dB
MHz
Amplitude Balance
J2
J3
PE2BL1000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PE2BL1000
Baluns Technical Data Sheet
PE2BL1000
50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz
Up to 100 Watts Surface Mount(SMT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com