Electronic Components Datasheet Search
  English  ▼

X  

PE2BL1003 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2BL1003
Description  50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2BL1003 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2BL1003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2BL1003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2BL1003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2BL1003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2BL1003 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT) from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1003
URL: http://www.pasternack.com/50-25-ohm-balun-80-mhz-1000-mhz-100-watts-smt-pe2bl1003-p.aspx
PE2BL1003 REV 1.0
Baluns Technical Data Sheet
PE2BL1003
50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz
Up to 100 Watts Surface Mount(SMT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com