Electronic Components Datasheet Search
  English  ▼

X  

PE2BL1004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2BL1004
Description  50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2BL1004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2BL1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• 100 to 520 MHz Frequency Range
• Surface Mount Device
• 50 ohm unbalanced to 25 ohm balanced
Applications
• Push-Pull Amplifiers
• Antenna Drivers
• Amateur Radio
• Commercial
• Military
.
Description
The PE2BL1004 is part of a family of 100 watt surface mount baluns. It converts between a 50 ohm unbalanced signal (one
signal referenced to ground) and balance signals (two 50 Ohm signals referenced to each other, 25 Ohms referenced to
ground). These baluns have many useful applications. For example, when matching to low impedances (like transistors),
these baluns allows improved matching to applications like push-pull amplifiers with improved bandwidth, and losses while
providing second harmonic cancelation.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
100
520
MHz
Unbalanced Impedance
50
Ohms
Balanced Impedance
25
Ohms
Insertion Loss
0.3
dB
VSWR
1.3:1
Nominal Phase Difference
180
Degrees
Phase Balance
±5
Degrees
Amplitude Balance
±0.4
dB
Input Power (CW)
100
Watts
.
Mechanical Specifications
Size
Length
1.15 in [29.21 mm]
Width
1.1 in [27.94 mm]
Height
0.45 in [11.43 mm]
.
Package Type
Surface Mount
.
Environmental Specifications
Temperature
Operating Range
-55 to 85 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1004
PE2BL1004 REV 1.0
50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz
Up to 100 Watts Surface Mount(SMT)
Baluns Technical Data Sheet
PE2BL1004


Similar Part No. - PE2BL1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2BL1000 PASTERNACK-PE2BL1000 Datasheet
303Kb / 5P
50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PE2BL1001 PASTERNACK-PE2BL1001 Datasheet
295Kb / 5P
50 Ohm to 25 Ohm Balun From 20 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1002 PASTERNACK-PE2BL1002 Datasheet
295Kb / 5P
50 Ohm to 25 Ohm Balun From 20 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1003 PASTERNACK-PE2BL1003 Datasheet
294Kb / 5P
50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1005 PASTERNACK-PE2BL1005 Datasheet
605Kb / 5P
50 Ohm to 25 Ohm Balun From 500 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
More results

Similar Description - PE2BL1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8431 PASTERNACK-PE8431 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE2BL1000 PASTERNACK-PE2BL1000 Datasheet
303Kb / 5P
50 Ohm to 25 Ohm Balun From 225 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PE2BL1001 PASTERNACK-PE2BL1001 Datasheet
295Kb / 5P
50 Ohm to 25 Ohm Balun From 20 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1002 PASTERNACK-PE2BL1002 Datasheet
295Kb / 5P
50 Ohm to 25 Ohm Balun From 20 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1003 PASTERNACK-PE2BL1003 Datasheet
294Kb / 5P
50 Ohm to 25 Ohm Balun From 80 MHz to 1,000 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1005 PASTERNACK-PE2BL1005 Datasheet
605Kb / 5P
50 Ohm to 25 Ohm Balun From 500 MHz to 2 GHz Up to 100 Watts Surface Mount(SMT)
PE2BL1006 PASTERNACK-PE2BL1006 Datasheet
298Kb / 5P
50 Ohm to 25 Ohm Balun From 800 MHz to 2.5 GHz Up to 100 Watts Surface Mount(SMT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com