Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1022 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1022
Description  90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1022 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1022 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1022 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1022 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1022 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1022 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Size
Length
0.79 in [20.07 mm]
Width
1.22 in [30.99 mm]
Height
0.43 in [10.92 mm]
Weight
0.082 lbs [37.19 g]
Configuration
RF Connector Type
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +125 deg C
Humidity
MIL-STD-202F METHOD 103B COND. B
Shock
MIL-STD-202F METHOD 213B COND. B
Vibration
MIL-STD-202F METHOD 204D COND. B
Altitude
MIL-STD-202F METHOD 105C COND. B
Temperature Cycling
MIL-STD-202F METHOD 107D COND. A
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE2CP1022
PE2CP1022 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts PE2CP1022
90 Degree SMA Hybrid Coupler From 7 GHz
to 18 GHz Rated to 30 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com