Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1027 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1027
Description  90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 150 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1027 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1027 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• High Power
• 16 dB isolation
• 20 MHz to 1,000 MHz Frequency Range
• Gold Plated Silver Leads
• 2.2 inch by 3 inch package
• Clear Chem Film Per MIL-DTL-5541
Applications
• Test and measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• Military Electronic Systems
.
Description
The PE2CP1027 operates from 20 MHz to 1,000 MHz and can handle 150 watts of power with 16 dB isolation. The package is 2.2
inch by 3 inch with gold plated silver leads and can be attached to a heat sink and PCB by screws. Gold plated leads are resistant
to oxidation for ease of soldering and ensuring superior electrical performance of 1.3:1 VSWR and an insertion loss of 0.9 dB.
The PE2CP1027 is part of Pasternack’s family of 90 degree hybrid couplers in drop-in packages. These couplers
feature small drop-in packages that can handle power up to 1,000 Watts. They are available in both narrow and broad
bandwidths. These quadrature hybrids are excellent for any situation to either equally split an input signal into two
paths with a 90 degree phase shift between them or to combine signals while maintaining high isolation between them.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
20
1,000
MHz
Impedance
50
Ohms
Phase Difference
90
Degrees
Insertion Loss
0.9
dB
Isolation
16
dB
VSWR
1.3:1
Amplitude Balance
±0.25
dB
Phase Balance
±12
Degrees
Input Power (CW)
150
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 150 Watts
PE2CP1027
PE2CP1027
PE2CP1027 REV 1.0
90 Degree Drop-In Hybrid Coupler From 20 MHz
to 1,000 MHz Rated to 150 Watts
Hybrids Technical Data Sheet


Similar Part No. - PE2CP1027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1020 PASTERNACK-PE2CP1020 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 1000 Watts
PE2CP1021 PASTERNACK-PE2CP1021 Datasheet
353Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1023-10 PASTERNACK-PE2CP1023-10 Datasheet
417Kb / 6P
Directional 10 dB N Coupler From 800 MHz to 2.5 GHz Rated to 60 Watts
PE2CP1023-20 PASTERNACK-PE2CP1023-20 Datasheet
428Kb / 6P
Directional 20 dB N Coupler From 800 MHz to 2.5 GHz Rated to 60 Watts
More results

Similar Description - PE2CP1027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1026 PASTERNACK-PE2CP1026 Datasheet
517Kb / 6P
90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 50 Watts
PE2CP1028 PASTERNACK-PE2CP1028 Datasheet
532Kb / 6P
90 Degree Drop-In Hybrid Coupler From 80 MHz to 1,000 MHz Rated to 250 Watts
PE2CP1029 PASTERNACK-PE2CP1029 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 100 MHz to 500 MHz Rated to 150 Watts
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
PE2CP1035 PASTERNACK-PE2CP1035 Datasheet
449Kb / 5P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 400 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1038 PASTERNACK-PE2CP1038 Datasheet
458Kb / 4P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated to 400 Watts
PE2CP1039 PASTERNACK-PE2CP1039 Datasheet
557Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 800 Watts
PE2CP1040 PASTERNACK-PE2CP1040 Datasheet
531Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 150 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com