Electronic Components Datasheet Search
  English  ▼

X  

AD7819 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7819
Description  2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7819 Datasheet(HTML) 3 Page - Analog Devices

  AD7819 Datasheet HTML 1Page - Analog Devices AD7819 Datasheet HTML 2Page - Analog Devices AD7819 Datasheet HTML 3Page - Analog Devices AD7819 Datasheet HTML 4Page - Analog Devices AD7819 Datasheet HTML 5Page - Analog Devices AD7819 Datasheet HTML 6Page - Analog Devices AD7819 Datasheet HTML 7Page - Analog Devices AD7819 Datasheet HTML 8Page - Analog Devices AD7819 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
–2–
AD7819–SPECIFICATIONS1
(GND = 0 V, VREF = VDD = 3 V
10% to 5 V
10%. All specifications –40 C
to +125 C unless otherwise noted.)
Parameter
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz, fSAMPLE = 136 kHz
Signal to (Noise + Distortion) Ratio
1
48
dB min
Total Harmonic Distortion (THD)
1
–70
dB typ
Peak Harmonic or Spurious Noise
1
–70
dB typ
Intermodulation Distortion
2
fa = 29.1 kHz; fb = 29.8 kHz
2nd Order Terms
–77
dB typ
3rd Order Terms
–77
dB typ
DC ACCURACY
Resolution
8
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
8
Bits
Relative Accuracy
1
±0.5
LSB max
Differential Nonlinearity (DNL)
1
±0.5
LSB max
Total Unadjusted Error
1
±1
LSB max
Gain Error
1
±0.5
LSB max
Offset Error
1
±0.5
LSB max
ANALOG INPUT
Input Voltage Range
0
V min
VREF
V max
Input Leakage Current
2
±1
µA max
Input Capacitance2
15
pF mx
REFERENCE INPUTS
2
VREF Input Voltage Range
1.2
V min
VDD
V max
Input Leakage Current
±1
µA max
Input Capacitance
20
pF max
LOGIC INPUTS
2
VINH, Input High Voltage
2.0
V min
VINL, Input Low Voltage
0.4
V max
(0.8 V max, VDD = 5 V)
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
8
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
V max
ISINK = 200
µA
High Impedance Leakage Current
±1
µA max
High Impedance Capacitance
15
pF max
CONVERSION RATE
Conversion Time
4.5
µs max
Track/Hold Acquisition Time
1
100
ns max
See DC Acquisition Section
POWER SUPPLY
VDD
2.7–5.5
Volts
For Specified Performance
IDD
Digital Inputs = 0 V or VDD
Normal Operation
3.5
mA max
Power-Down
1
µA max
VDD = 5 V
Power Dissipation
Normal Operation
17.5
mW max
VDD = 5 V
Power-Down
5
µW max
Auto Power-Down (Mode 2)
VDD = 3 V
1 kSPS Throughput
57.75
µW max
10 kSPS Throughput
577.5
µW max
50 kSPS Throughput
2.89
mW max
NOTES
1See Terminology section.
2Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com