Electronic Components Datasheet Search
  English  ▼

X  

AD7819YN Datasheet(PDF) 9 Page - Analog Devices

Part # AD7819YN
Description  2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7819YN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7819YN Datasheet HTML 4Page - Analog Devices AD7819YN Datasheet HTML 5Page - Analog Devices AD7819YN Datasheet HTML 6Page - Analog Devices AD7819YN Datasheet HTML 7Page - Analog Devices AD7819YN Datasheet HTML 8Page - Analog Devices AD7819YN Datasheet HTML 9Page - Analog Devices AD7819YN Datasheet HTML 10Page - Analog Devices AD7819YN Datasheet HTML 11Page - Analog Devices AD7819YN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
AD7819
–8–
Typical Performance Characteristics
THROUGHPUT – kSPS
10
1
0.01
050
5
101520
25
30
354045
0.1
Figure 10. Power vs. Throughput
0
–60
–100
–10
–50
–70
–90
–30
–40
–80
–20
FREQUENCY – kHz
066
7
13
20
2733
40
4753
60
AD7819
2048 POINT FFT
SAMPLING 136.054kHz
FIN = 29.961kHz
Figure 11. SNR
TIMING AND CONTROL
The AD7819 has only one input for timing and control, i.e.,
the
CONVST (convert start signal). The rising edge of this
CONVST signal initiates a 1.5
µs pulse on an internally gener-
ated
CONVST signal. This pulse is present to ensure the part
has enough time to power up before a conversion is initiated. If
the external
CONVST signal is low, the falling edge of the in-
ternal
CONVST signal will cause the sampling circuit to go into
hold mode and initiate a conversion. If, however, the external
CONVST signal is high when the internal CONVST goes low,
it is upon the falling edge of the external
CONVST signal that
the sampling circuitry will go into hold mode and initiate a
conversion. The use of the internally generated 1.5
µs pulse as
previously described can be likened to the configuration shown
in Figure 12. The application of a
CONVST signal at the
CONVST pin triggers the generation of a 1.5
µs pulse. Both the
external
CONVST and this internal CONVST are input to an
OR gate. The resultant signal has the duration of the longer of
the two input signals. Once a conversion has been initiated, the
BUSY signal goes high to indicate a conversion is in progress. At
the end of conversion the sampling circuit returns to its track-
ing mode. The end of conversion is indicated by the
BUSY
signal going low. This signal may be used to initiate an ISR on a
microprocessor. At this point the conversion result is latched
into the output register where it may be read. The AD7819 has
an 8-bit wide parallel interface. The state of the external
CONVST
signal at the end of conversion also establishes the mode of
operation of the AD7819.
Mode 1 Operation (High Speed Sampling)
If the external
CONVST is logic high when BUSY goes low, the
part is said to be in Mode 1 operation. While operating in Mode
1 the AD7819 will not power down between conversions. The
AD7819 should be operated in Mode 1 for high speed sam-
pling applications, i.e., throughputs greater than 100 kSPS.
Figure 13 shows the timing for Mode 1 operation. From this
diagram one can see that a minimum delay of the sum of the
conversion time and read time must be left between two succes-
sive falling edges of the external
CONVST. This is to ensure that
a conversion is not initiated during a read.
Mode 2 Operation (Automatic Power-Down)
At slower throughput rates the AD7819 may be powered down
between conversion to give a superior power performance.
This is Mode 2 Operation and it is achieved by bringing the
CONVST signal logic low before the falling edge of BUSY. Fig-
ure 14 shows the timing for Mode 2 Operation. The falling edge
of the external
CONVST signal may occur before or after the
falling edge of the internal
CONVST signal, but it is the later
occurring falling edge of both that controls when the first conver-
sion will take place. If the falling edge of the external
CONVST
occurs after that of the internal
CONVST, it means that the
moment of the first conversion is controlled exactly, regardless
of any jitter associated with the internal
CONVST signal. The
parallel interface is still fully operational while the AD7819 is
powered down. The AD7819 is powered up again on the rising
edge of the
CONVST signal. The gated CONVST pulse will
now remain high long enough for the AD7819 to fully power
up, which takes about 1.5
µs. This is ensured by the internal
CONVST signal, which will remain high for 1.5
µs.
1.5 s
EXT
INT
CONVST
(PIN 4)
GATED
Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com