| Electronic Components Datasheet Search |
|
AD7823 Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7823 Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 12 page ![]() AD7823 –10– REV. C MICROPROCESSOR INTERFACING The serial interface on the AD7823 allows the parts to be directly connected to a range of many different microprocessors. This section explains how to interface the AD7823 with some of the more common microcontroller serial interface protocols. AD7823 to PIC16C6x/7x The PIC16C6x Synchronous Serial Port (SSP) is configured as an SPI Master with the Clock Polarity Bit = 0. This is done by writing to the Synchronous Serial Port Control Register (SSPCON). See PIC16/17 Microcontroller User Manual. Figure 17 shows the hardware connections needed to interface to the PIC16/PIC17. In this example I/O port RA1 is being used to pulse CONVST and enable the serial port of the AD7823. SCLK DOUT SCK/RC3 SDO/RC5 RA1 AD7823* PIC16C6x/7x* CONVST *ADDITIONAL PINS OMITTED FOR CLARITY Figure 17. Interfacing to the PIC16/PIC17 AD7823 to MC68HC11 The Serial Peripheral Interface (SPI) on the MC68HC11 is configured for Master Mode (MSTR = 0), Clock Polarity Bit (CPOL) = 0, and the Clock Phase Bit (CPHA) = 1. The SPI is configured by writing to the SPI Control Register (SPCR)—see 68HC11 User Manual. A connection diagram is shown in Figure 18. SCLK DOUT SCLK/PD4 MISO/PD2 PA0 AD7823* MC68HC11* CONVST *ADDITIONAL PINS OMITTED FOR CLARITY Figure 18. Interfacing to the MC68HC11 AD7823 to 8051 The AD7823 requires a clock synchronized to the serial data; therefore, the 8051 serial interface must be operated in Mode 0. In this mode serial data enters and exits through RXD, and a serial clock is output on TXD (half duplex). Figure 19 shows how the 8051 is connected to the AD7823. Here, because the AD7823 shifts data out on the rising edge of the serial clock, the serial clock must be inverted. SCLK DOUT TXD RXD P1.1 AD7823* 8051* CONVST *ADDITIONAL PINS OMITTED FOR CLARITY Figure 19. Interfacing to the 8051 Serial Port It is possible to implement a serial interface using the data ports on the 8051 (or any microcontroller). This would allow direct interfacing between the AD7823 and 8051 to be implemented without the need for any “gluing” logic. The technique involves “bit banging” an I/O port (e.g., P1.0) to generate a serial clock and using another I/O port (e.g., P1.1) to read in data, see Figure 20. SCLK DOUT P1.0 P1.1 P1.2 AD7823* 8051* CONVST *ADDITIONAL PINS OMITTED FOR CLARITY Figure 20. Interfacing to the 8051 Using I/O Ports |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |