Electronic Components Datasheet Search
  English  ▼

X  

AD7865 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7865
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7865 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7865 Datasheet HTML 12Page - Analog Devices AD7865 Datasheet HTML 13Page - Analog Devices AD7865 Datasheet HTML 14Page - Analog Devices AD7865 Datasheet HTML 15Page - Analog Devices AD7865 Datasheet HTML 16Page - Analog Devices AD7865 Datasheet HTML 17Page - Analog Devices AD7865 Datasheet HTML 18Page - Analog Devices AD7865 Datasheet HTML 19Page - Analog Devices AD7865 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. B
AD7865
–16–
ADC CODE
7000
0
6000
5000
4000
3000
2000
1000
Figure 14. Histogram of 8192 Conversions of a DC Input
The output spectrum from the ADC is evaluated by applying a
sine wave signal of very low distortion to the analog input. A
Fast Fourier Transform (FFT) plot is generated from which the
SNR data can be obtained. Figure 15 shows a typical 4096-
point FFT plot of the AD7865 with an input signal of 100 kHz
and a sampling frequency of 350 kHz. The SNR obtained from
this graph is 80.5 dB. It should be noted that the harmonics are
taken into account when calculating the SNR.
FREQUENCY – Hz
–140
0
35000
70000
105000
140000
175000
fs = 350kHz
fIN = 100kHz
SNR = 80.5dB
–120
–100
–80
–60
–40
–20
0
Figure 15. FFT Plot
Effective Number of Bits
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
obtain a measure of performance expressed in effective number
of bits (N).
N
SNR
=
−176
602
.
.
(2)
The effective number of bits for a device can be calculated
directly from its measured SNR. Figure 16 shows a typical plot
of effective number of bits versus frequency for an AD7865-2.
INPUT FREQUENCY – kHz
0
0
100
1000
10000
–55 C
+25 C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+125 C
Figure 16. Effective Numbers of Bits vs. Frequency
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3 . . ., etc. Intermodulation terms are those for
which neither m nor n are equal to zero. For example, the sec-
ond order terms include (fa + fb) and (fa – fb) while the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
The AD7865 is tested using two input frequencies. In this case
the second and third order terms are of different significance.
The second order terms are usually distanced in frequency from
the original sine waves while the third order terms are usually at
a frequency close to the input frequencies. As a result, the second
and third order terms are specified separately. The calculation of
the intermodulation distortion is as per the THD specification
where it is the ratio of the rms sum of the individual distortion
products to the rms amplitude of the fundamental expressed in
dBs. In this case, the input consists of two, equal amplitude, low
distortion sine waves. Figure 17 shows a typical IMD plot for
the AD7865.
FREQUENCY – Hz
0
–140
0
25000
50000
100000
125000
175000
75000
150000
–120
–100
–80
–60
–40
–20
fa = 49.113kHz
fb = 50.183kHz
fs = 350kHz
Figure 17. IMD Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com