Electronic Components Datasheet Search
  English  ▼

X  

STV6435S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV6435S
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV6435S Datasheet HTML 9Page - STMicroelectronics STV6435S Datasheet HTML 10Page - STMicroelectronics STV6435S Datasheet HTML 11Page - STMicroelectronics STV6435S Datasheet HTML 12Page - STMicroelectronics STV6435S Datasheet HTML 13Page - STMicroelectronics STV6435S Datasheet HTML 14Page - STMicroelectronics STV6435S Datasheet HTML 15Page - STMicroelectronics STV6435S Datasheet HTML 16Page - STMicroelectronics STV6435S Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package Mechanical Data
STV6435
14/17
5
Package Mechanical Data
Figure 13: 20-Pin Plastic Single in Line Package (PDIP20)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
24.89
26.92
0.980
1.060
e
2.54
0.100
E1
6.10
6.35
7.11
0.240
0.250
0.280
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17