Electronic Components Datasheet Search
  English  ▼

X  

AD9241 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9241
Description  Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9241 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9241 Datasheet HTML 13Page - Analog Devices AD9241 Datasheet HTML 14Page - Analog Devices AD9241 Datasheet HTML 15Page - Analog Devices AD9241 Datasheet HTML 16Page - Analog Devices AD9241 Datasheet HTML 17Page - Analog Devices AD9241 Datasheet HTML 18Page - Analog Devices AD9241 Datasheet HTML 19Page - Analog Devices AD9241 Datasheet HTML 20Page - Analog Devices AD9241 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD9241
REV. 0
–16–
Shorting the VREF pin directly to the SENSE pin places the
internal reference amplifier in unity-gain mode and the resultant
VREF output is 1 V. Therefore, the valid input range is 0 V to
2 V. However, shorting the SENSE pin directly to the REFCOM
pin configures the internal reference amplifier for a gain of 2.5
and the resultant VREF output is 2.5 V. Thus, the valid input
range becomes 0 V to 5 V. The VREF pin should be bypassed
to the REFCOM pin with a 10
µF tantalum capacitor in parallel
with a low-inductance 0.1
µF ceramic capacitor.
10µF
VINA
VREF
AD9241
0.1µF
VINB
2xVREF
0V
SHORT FOR 0 TO 2V
INPUT SPAN
SENSE
SHORT FOR 0 TO 5V
INPUT SPAN
REFCOM
Figure 36. Internal Reference (2 V p-p Input Span,
VCM = 1 V, or 5 V p-p Input Span, VCM = 2.5 V)
Single-Ended or Differential Input, VCM = 2.5 V
Figure 37 shows the single-ended configuration that gives the
best SINAD performance. To optimize dynamic specifications,
center the common-mode voltage of the analog input at
approximately 2.5 V by connecting VINB to VREF, a low-
impedance 2.5 V source. As described above, shorting the
SENSE pin directly to the REFCOM pin results in a 2.5 V
reference voltage and a 5 V p-p input span. The valid range
for input signals is 0 V to 5 V. The VREF pin should be by-
passed to the REFCOM pin with a 10
µF tantalum capacitor in
parallel with a low inductance 0.1
µF ceramic capacitor.
This reference configuration could also be used for a differential
input wherein VINA and VINB are driven via a transformer as
shown in Figure 29. In this case, the common-mode voltage,
VCM, is set at midsupply by connecting the transformers center
tap to CML of the AD9241. VREF can be configured for 1 V or
2.5 V by connecting SENSE to either VREF or REFCOM
respectively. Note that the valid input range for each of the
differential inputs is one half of the single-ended input and thus
becomes VCM – VREF/2 to VCM + VREF/2.
0.1µF
10µF
VINA
VINB
VREF
SENSE
REFCOM
AD9241
5V
0V
2.5V
Figure 37. Internal Reference—5 V p-p Input Span,
VCM = 2.5 V
Resistor Programmable Reference
Figure 38 shows an example of how to generate a reference
voltage other than 1 V or 2.5 V with the addition of two ex-
ternal resistors and a bypass capacitor. Use the equation,
VREF = 1 V
× (1 + R1/R2),
to determine appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 100 kΩ range. For the example shown,
R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equation above,
the resultant reference voltage on the VREF pin is 1.5 V. This
sets the input span to be 3 V p-p. To assure stability, place a
0.1
µF ceramic capacitor in parallel with R1.
The common-mode voltage can be set to VREF by connecting
VINB to VREF to provide an input span of 0 to 2
× VREF.
Alternatively, the common-mode voltage can be set to 2.5 V
by connecting VINB to a low impedance 2.5 V source. For
the example shown, the valid input signal range for VINA is
1 V to 4 V since VINB is set to an external, low impedance
2.5 V source. The VREF pin should be bypassed to the REFCOM
pin with a 10
µF tantalum capacitor in parallel with a low induc-
tance 0.1
µF ceramic capacitor.
1.5V
C1
0.1µF
10µF
VINA
VINB
VREF
SENSE
REFCOM
AD9241
4V
1V
2.5V
R1
2.5k
Ω
R2
5k
Ω
0.1µF
Figure 38. Resistor Programmable Reference (3 V p-p
Input Span, VCM = 2.5 V)
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance
of the AD9241 by improving drift and accuracy. Figures 39
through 41 show examples of how to use an external reference
with the A/D. Table III is a list of suitable voltage references
from Analog Devices. To use an external reference, the user
must disable the internal reference amplifier and drive the VREF
pin. Connecting the SENSE pin to AVDD disables the inter-
nal reference amplifier.
Table III. Suitable Voltage References
Initial
Operating
Output
Drift
Accuracy
Current
Voltage
(ppm/ C)
% (max)
( A)
Internal
1.00
26
1.4
N/A
AD589
1.235
10–100
1.2–2.8
50
AD1580
1.225
50–100
0.08–0.8
50
REF191
2.048
5–25
0.1–0.5
45
Internal
2.50
26
1.4
N/A
REF192
2.50
5–25
0.08–0.4
45
REF43
2.50
10–25
0.06–0.1
600
AD780
2.50
3–7
0.04–0.2
1000
The AD9241 contains an internal reference buffer, A2 (see
Figure 26), that simplifies the drive requirements of an external
reference. The external reference must be able to drive a
≈5 kΩ
(
±20%) load. Note that the bandwidth of the reference buffer is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com