Electronic Components Datasheet Search
  English  ▼

X  

AD9260AS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 11Page - Analog Devices AD9260AS Datasheet HTML 12Page - Analog Devices AD9260AS Datasheet HTML 13Page - Analog Devices AD9260AS Datasheet HTML 14Page - Analog Devices AD9260AS Datasheet HTML 15Page - Analog Devices AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices AD9260AS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD9260
Rev. C | Page 14 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = DRVDD = +5.0 V, 4 V Input Span, Differential DC Coupled Input with CML = 2.0 V, fCLOCK = 20 MSPS, Full Bias.
–120
–100
–80
–60
–40
–20
0
0.4
0.6
0
0.2
0.8
1.0
1.2
FREQUENCY (MHz)
100kHz INPUT
20MHz CLOCK
8
× DECIMATION
THD: –96dB
Figure 11. Spectral Plot of the AD9260 at 100 kHz Input, 20 MHz Clock,
8x OSR (2.5 MHz Output Data Rate)
–120
–100
–80
–60
–40
–20
0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (MHz)
100kHz INPUT
20MHz CLOCK
4
× DECIMATION
THD: –98dB
Figure 12. Spectral Plot of the AD9260 at 100 kHz Input, 20 MHz Clock,
4x OSR (5 MHz Output Data Rate)
–120
–100
–80
–60
–40
–20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
100kHz INPUT
20MHz CLOCK
2
× DECIMATION
THD: –98dB
Figure 13. Spectral Plot of the AD9260 at 100 kHz Input, 20 MHz Clock,
2x OSR (10 MHz Output Data Rate)
–120
–100
–80
–60
–40
–20
0
0
1
23
45
6
7
8
9
10
FREQUENCY (MHz)
100kHz INPUT
20MHz CLOCK
1
× DECIMATION
THD: –98dB
Figure 14. Spectral Plot of the AD9260 at 100 kHz Input, 20 MHz Clock,
Undecimated (20 MHz Output Data Rate)
90
94
98
102
106
110
0
0.2
0.4
0.6
0.8
1.0
FREQUENCY (MHz)
–12dBFS/TONE
–26dBFS/TONE
–46dBFS/TONE
–6.5dBFS/TONE
Figure 15. Dual-Tone SFDR vs. Input Frequency (F1 = F2, Span = 10% Center
Frequency, Mode = 8x)
–120
–100
–80
–60
–40
–20
0
0.4
0.6
0
0.2
0.8
1.0
1.2
FREQUENCY (MHz)
DUAL-TONE TEST
f1 = 1.0MHz
f2 = 975kHz
20MHz CLOCK
8
× DECIMATION
IM3: –94dB
Figure 16. Two-Tone Spectral Performance of the AD9260 Given Inputs at
975 kHz and 1.0 MHz, 20 MHz Clock, 8x Decimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com