Electronic Components Datasheet Search
  English  ▼

X  

AD9260ASRL Datasheet(PDF) 36 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9260ASRL Datasheet HTML 32Page - Analog Devices AD9260ASRL Datasheet HTML 33Page - Analog Devices AD9260ASRL Datasheet HTML 34Page - Analog Devices AD9260ASRL Datasheet HTML 35Page - Analog Devices AD9260ASRL Datasheet HTML 36Page - Analog Devices AD9260ASRL Datasheet HTML 37Page - Analog Devices AD9260ASRL Datasheet HTML 38Page - Analog Devices AD9260ASRL Datasheet HTML 39Page - Analog Devices AD9260ASRL Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AD9260
Rev. C | Page 35 of 44
the AD9260 is referenced DVDD while the output drivers are
referenced to DRVDD. Also note that the SNR performance
of the AD9260 remains independent of the digital or driver
supply setting.
The decoupling shown in Figure 75, a 0.1 µF ceramic chip
capacitor, is appropriate for a reasonable capacitive load on the
digital outputs (typically 20 pF on each pin). Applications
involving greater digital loads should consider increasing the
digital decoupling proportionally, and/or using external
buffers/latches.
0.1
µF
0.1
µF
DVDD
DVSS
AD9260
DRVDD
DRVSS
3
1
6
5
Figure 75. Digital Supply Decoupling
A complete decoupling scheme will also include large tantalum
or electrolytic capacitors on the PCB to reduce low frequency
ripple to negligible levels. Refer to the AD9260/EB schematic
and layouts in Figure 80 to Figure 84 for more information
regarding the placement of decoupling capacitors.
An alternative layout and decoupling scheme is shown in Figure
76. This layout and decoupling scheme is well suited for
applications in which multiple AD9260s are located on the
same PC board and/or the AD9260 is part of a multicard
mixed-signal system in which grounds are tied back at the
system supplies (i.e., star ground configuration). In this case,
the AD9260 is treated as an analog component in which its
analog (i.e., AVDD) and digital (DVDD and DRVDD) supplies
are derived from the systems +5 V analog supply and all of the
AD9260’s ground pins are tied directly to the analog ground
plane which resides directly underneath the IC.
Referring to Figure 76, each supply pin is directly decoupled to
their respective ground pin or analog ground plane via a
ceramic 0.1 µF chip capacitor. Surface mount ferrite beads are
used to isolate the analog (AVDD), digital (DVDD), and driver
supplies (DRVDD) of the AD9260 from the +5 V power bus.
Properly selected ferrite beads can provide more than 40 dB of
isolation from high frequency switching transients originating
from AD9260 supply pins. Further noise immunity from noise
is provided by the inherent power supply rejection of the
AD9260 as shown in Figure 70. If digital operation at 3 V is
desirable for power savings and or to provide for a 3 V digital
logic interface, a 5 V to 3 V linear regulator can be used to drive
DVDD and/or DRVDD. A more complete discussion on this
layout and decoupling scheme can be found in Chapter 7, pages
7-27 to 7-55 of the High speed Design Techniques seminar
book, which is available at:
www.analog.com/support/frames/lin_frameset.hml
FERRITE
BEAD CORE*
VA
SAMPLING CLOCK
GENERATOR
AD9260
0.1
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
0.1
µF
DVDD
DVSS
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
DRVDD
DRVSS
CLK
BUFFER
LATCH
BITS 1–16,
DAV
VA
INSERT 5/3 VOLT LINEAR REGULATOR
FOR 3 OR 3.3V DIGITAL OPERATION
Figure 76. High Frequency Supply Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com