Electronic Components Datasheet Search
  English  ▼

X  

AD7887ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7887ARZ
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7887ARZ Datasheet HTML 9Page - Analog Devices AD7887ARZ Datasheet HTML 10Page - Analog Devices AD7887ARZ Datasheet HTML 11Page - Analog Devices AD7887ARZ Datasheet HTML 12Page - Analog Devices AD7887ARZ Datasheet HTML 13Page - Analog Devices AD7887ARZ Datasheet HTML 14Page - Analog Devices AD7887ARZ Datasheet HTML 15Page - Analog Devices AD7887ARZ Datasheet HTML 16Page - Analog Devices AD7887ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD7887
Data Sheet
ANALOG INPUT
Figure 12 shows an equivalent circuit of the analog input
structure of the AD7887. The two diodes, D1 and D2, provide
ESD protection for the analog inputs. Care must be taken to
ensure that the analog input signal never exceed the supply rails
by more than 200 mV. Exceeding this value causes the diodes
to become forward biased and to start conducting into the
substrate. The maximum current these diodes can conduct
without causing irreversible damage to the part is 20 mA.
However, it is worth noting that a small amount of current
(1 mA) being conducted into the substrate due to an
overvoltage on an unselected channel can cause inaccurate
conversions on a selected channel. Capacitor C1 in Figure 12 is
typically about 4 pF and can primarily be attributed to pin
capacitance. Resistor R1 is a lumped component made up of the
on resistance of a multiplexer and a switch. This resistor is
typically about 100 Ω. Capacitor C2 is the ADC sampling
capacitor and typically has a capacitance of 20 pF.
Note that the analog input capacitance seen when in track mode
is typically 38 pF, whereas in hold mode it is typically 4 pF.
VIN
VDD
D2
R1
C1
4pF
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
D1
C2
20pF
Figure 12. Equivalent Analog Input Circuit
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC
low-pass filter on the relevant analog input pin. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance
source. Large source impedances will significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of op amp is a function of the
particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. The THD increases as
the source impedance increases and performance degrades.
Figure 13 shows a graph of the total harmonic distortion vs. the
analog input signal frequency for different source impedances.
INPUT FREQUENCY (kHz)
–90
4
1
.
2
4
5
1
.
0
10.89
31.59
21.14
–85
–80
–75
–70
–65
49.86
THD vs. FREQUENCY FOR DIFFERENT
SOURCE IMPEDANCES
VDD = 5V
5V EXT REFERENCE
RIN = 1kΩ, CIN = 100pF
RIN = 50Ω, CIN = 2.2nF
RIN = 10Ω, CIN = 10nF
Figure 13. THD vs. Analog Input Frequency
On-Chip Reference
The AD7887 has an on-chip 2.5 V reference. This reference can
be enabled or disabled by clearing or setting the REF bit in the
control register, respectively. If the on-chip reference is to be used
externally in a system, it must be buffered before it is applied
elsewhere. If an external reference is applied to the device, the
internal reference is automatically overdriven. However, it is
advised to disable the internal reference by setting the REF bit
in the control register when an external reference is applied in
order to obtain optimum performance from the device. When
the internal reference is disabled, SW1, shown in Figure 14,
opens and the input impedance seen at the AIN1/VREF pin is the
input impedance of the reference buffer, which is in the region
of gigaohms. When the internal reference is enabled, the input
impedance seen at the pin is typically 10 kΩ. When the AD7887
is operated in two-channel mode, the reference is taken from
VDD internally, not from the on-chip 2.5 V reference.
2.5V
10k
Ω
SW1
AIN1/VREF
Figure 14. On-Chip Reference Circuitry
Rev. E | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com