Electronic Components Datasheet Search
  English  ▼

X  

AS6 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AS6
Description  DC Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS6 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AS6 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 2Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 3Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2014 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
AS4 Page 1
AS4\042014\Q2
Series AS4
4A to 460 Vac SIP Package
DC Control
ELECTRICAL SPECIFICATIONS
Min
Max
Units
Operating Temperature
-40
80
°C
Storage Temperature
-40
120
°C
Input-Output Isolation
4000
Vrms
Input-Output Capacitance
3
pF
46
Line Voltage1
4
Output Current – Amps
D
Switch Type2
AS
Series
E
Control Range3
Part Number Explanation
NOTES
1) Line Voltage (nominal): 46 = 460 Vac
2) Switch Type: D = Zero-cross turn-on
3) Control Range: E = 4–30 Vdc (5-30 Vdc for AS60D4E)
4) RoHS Compliant = /R (AS24D4E/R)
.30
(7.62)
.49
(12.7)
.30
(7.63)
.20
(5.08)
.40
(10.16)
1.0 (25.4)
.19 (6.5)
WEIGHT: 1.06 oz. (30g)
Bottom View
1.70 (43.2)
.39 (10.2)
Ø1
input
4-30 Vdc
output
230 Vac 4A
4- 3+2
1
50A2s
.30
(7.62)
.10 (2.58)
.39
(10.2)
MECHANICAL SPECIFICATION
Figure 1 — AS relays; dimensions in inches (mm)
Part Number
Description
AS24D4E/R
4A, 275 Vac
AS46D4E
4A, 460 Vac
FEATURES/BENEFITS
• Industry standard package
• Tight zero-cross window for low EMI
• Low input current draw
• High dv/dt capability
• Integral transient voltage protection
• High immunity to surges
DESCRIPTION
The AS 4-amp solid-state single inline (SIP) four-pin
relays are designed for mounting on a printed circuit
board. The relays offer built-in voltage protection
and can withstand very high current overloads. The
Series AS4 relays have a low zero-cross window. The
compact size and triac output make the AS relay the
perfect retrofit for electromechanical relays.
APPLICATIONS
• Interface applications
• Vending machines
• Light/lamp control
• HVAC controls
APPROVALS
UL File Number: E128555.
BLOCK DIAGRAM
(Control LED available on AS46R4F-02 only.)
Figure 2a — All AS relays except AS60D4E


Similar Part No. - AS6

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
4A to 460 Vac SIP Package
logo
IDEC Corporation
AS6-SK IDEC-AS6-SK Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
MotionKing Motor Indust...
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS60-30-006E25 MOTIONKING-AS60-30-006E25 Datasheet
175Kb / 3P
AC Servo Motors
AS60-30-013E25 MOTIONKING-AS60-30-013E25 Datasheet
175Kb / 3P
AC Servo Motors
More results

Similar Description - AS6

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
DC/DC CONVERTER CONTROL CIRCUIT
logo
STMicroelectronics
MC34063 STMICROELECTRONICS-MC34063 Datasheet
1Mb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Mar-2001
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Mitsubishi Electric Sem...
FS30KM-03 MITSUBISHI-FS30KM-03 Datasheet
49Kb / 4P
Motor control, Lamp control, Solenoid control DC-DC converter, etc.
logo
Nell Semiconductor Co.,...
195PT NELLSEMI-195PT Datasheet
833Kb / 3P
DC motor control
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
DC motor control
logo
Willow Technologies Ltd
SERIESBS WILLOW-SERIESBS Datasheet
209Kb / 2P
DC Control
logo
Teledyne Technologies I...
AS4 TELEDYNE-AS4 Datasheet
319Kb / 4P
DC Control
logo
Guangdong Youtai Semico...
MC34063 UMW-MC34063 Datasheet
777Kb / 5P
DC-DC conversion control circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com