Electronic Components Datasheet Search
  English  ▼

X  

SSH Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # SSH
Description  Output to 75A, 510 Vac with Diagnostics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SSH Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  SSH Datasheet HTML 1Page - Teledyne Technologies Incorporated SSH Datasheet HTML 2Page - Teledyne Technologies Incorporated SSH Datasheet HTML 3Page - Teledyne Technologies Incorporated SSH Datasheet HTML 4Page - Teledyne Technologies Incorporated SSH Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSH Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2005 TELEDYNE RELAYS
SSH\042005\Q1
NEW Series SSH
Output to 75A, 510 Vac with Diagnostics
High Industrial Performance (HIPpak) Solid-State Relays
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Peak Voltage
SSH24DXX
600
Vpeak
SSH48DXX
1200
Vpeak
Load Currrent Range (Resistive)
35 output current
.005
40
Arms
50 output current
.005
60
Arms
75 output current
.005
90
Arms
Maximum Surge Current Rating (Non-Repetitive)
35 output current
500
A
50 output current
720
A
75 output current
1200
A
On-State Voltage Drop
0.9
V
Output Power Dissipation (Max)
35 output current
0.9x0.9xI + 0.015xI2
W
50 output current
0.9x0.9xI + 0.012xI2
W
75 output current
0.9x0.9xI + 0.0045xI2
W
Zero-Cross Window (Typical)
±12
Vac
Off-State Leakage Current
5
mA
Turn-On Time (60 Hz)
8.3
ms
Turn-Off Time (60 Hz)
8.3
ms
Off-State dv/dt
500
V/µs
Maximum di/dt (Non-Repetitive)
50
A/µs
Operating Frequency
0.1
400
Hz
I2t for fuse matching (<10ms)
35 output current
1250
A2s
50 output current
2500
A2s
75 output current
7200
A2s
Junction-Case Thermal Resistance
35 output current
0.6
°C/W
50 output current
0.45
°C/W
75 output current
0.4
°C/W
Conducted Immunity Level
IEC/EN61000-4-4 (bursts)
2kV criterion A
IEC/EN61000-4-5 (bursts)
2kV criterion A
with external VDR
GENERAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
ENVIRONMENTAL SPECIFICATIONS
Min
Max
Units
Operating Temperature
–40
+100
°C
Storage Temperature
–40
+100
°C
Ambient Humidity
85
%
Input-Output Isolation
4000
Vrms
Output-Case Isolation
4000
Vrms
Output-Status Isolation
2500
Vrms
Input-Status Isolation
2500
Vrms
Insulation Resistance
@500Vdc
1000
MΩ
Rated Impulse Voltage
4000
V
Protection Level (CEI529)
IP20
Vibration (10–55 Hz according to CE168) 1.5
mm
Shock (according to CE168)
30/50
g
Housing Material
PA6 UL94VO
Baseplate
Aluminum, nickel-plated
SURGE CURRENT
�
��
���
�
���
�
����
����
����
��������������
���������������������������������
Figure 4c — 75A output current
�
��
���
�
���
�
���
���
����
��������������
���������������������������������
Figure 4b — 50A output current
�
��
���
�
���
���
�
���
���
����
��������������
���������������������������������
Figure 4a — 35A output current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com